Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGY205 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BGY205
Description  UHF amplifier module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY205 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BGY205 Datasheet HTML 3Page - NXP Semiconductors BGY205 Datasheet HTML 4Page - NXP Semiconductors BGY205 Datasheet HTML 5Page - NXP Semiconductors BGY205 Datasheet HTML 6Page - NXP Semiconductors BGY205 Datasheet HTML 7Page - NXP Semiconductors BGY205 Datasheet HTML 8Page - NXP Semiconductors BGY205 Datasheet HTML 9Page - NXP Semiconductors BGY205 Datasheet HTML 10Page - NXP Semiconductors BGY205 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1996 May 21
7
Philips Semiconductors
Product specification
UHF amplifier module
BGY205
Fig.14 Control voltage as a function of mounting
base temperature; typical values.
f = 880 MHz.
ZS =ZL =50 Ω; PD = 3 dBm; VS =6V; δ = 1 : 8; tp = 575 µs.
handbook, halfpage
−40
0
40
Tmb (
oC)
VC
(V)
80
4
3.5
2.5
2
3
MBG732
PL = 35.4 dBm
30 dBm
20 dBm
10 dBm
Fig.15 Control voltage as a function of mounting
base temperature; typical values.
f = 915 MHz.
ZS =ZL =50 Ω; PD = 3 dBm; VS =6V; δ = 1 : 8; tp = 575 µs.
handbook, halfpage
−40
0
40
Tmb (
oC)
VC
(V)
80
4
3.5
2.5
2
3
MBG733
PL = 35.4 dBm
30 dBm
20 dBm
10 dBm
Fig.16 Test circuit.
handbook, full pagewidth
MBG743
L1
C2
C3
C4
typ.
1.35 A
VS
VC
C1
R1
RF
output
RF
input
Z1
Z2


Similar Part No. - BGY205

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY2016 PHILIPS-BGY2016 Datasheet
60Kb / 12P
   UHF amplifier module
2000 Jan 04
BGY204 PHILIPS-BGY204 Datasheet
61Kb / 11P
   UHF amplifier module
1996 May 21
BGY206 PHILIPS-BGY206 Datasheet
89Kb / 16P
   UHF amplifier module
1998 May 08
More results

Similar Description - BGY205

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY280 PHILIPS-BGY280 Datasheet
156Kb / 11P
   UHF amplifier module
2000 Nov 15
BGY916 PHILIPS-BGY916 Datasheet
88Kb / 12P
   UHF amplifier module
1998 May 27
BGY1916 PHILIPS-BGY1916 Datasheet
84Kb / 12P
   UHF amplifier module
1998 May 27
BGY241 PHILIPS-BGY241 Datasheet
89Kb / 12P
   UHF amplifier module
1999 Sep 09
BGY240S PHILIPS-BGY240S Datasheet
85Kb / 12P
   UHF amplifier module
1999 Aug 23
BGY925 PHILIPS-BGY925 Datasheet
88Kb / 12P
   UHF amplifier module
2000 Feb 02
BGY212A PHILIPS-BGY212A Datasheet
132Kb / 11P
   UHF amplifier module
1999 Aug 23
BGY1816 PHILIPS-BGY1816 Datasheet
84Kb / 12P
   UHF amplifier module
1998 May 27
BGY1816S PHILIPS-BGY1816S Datasheet
68Kb / 12P
   UHF amplifier module
1999 Apr 13
BGY2016 PHILIPS-BGY2016 Datasheet
60Kb / 12P
   UHF amplifier module
2000 Jan 04
BGY204 PHILIPS-BGY204 Datasheet
61Kb / 11P
   UHF amplifier module
1996 May 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com