Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K12GO1.55NL306 Datasheet(PDF) 6 Page - ITT Industries

Part # K12GO1.55NL306
Description  High Performance Key Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

K12GO1.55NL306 Datasheet(HTML) 6 Page - ITT Industries

  K12GO1.55NL306 Datasheet HTML 1Page - ITT Industries K12GO1.55NL306 Datasheet HTML 2Page - ITT Industries K12GO1.55NL306 Datasheet HTML 3Page - ITT Industries K12GO1.55NL306 Datasheet HTML 4Page - ITT Industries K12GO1.55NL306 Datasheet HTML 5Page - ITT Industries K12GO1.55NL306 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.ittcannon.com
E–15
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
E
OPTION
CODE
OPERATING FORCE
1.5N OD
1.5 N,150g without snap-point
2.5N
2.5 N, 250g
3.5N
3.5 N, 350g
5N
5 N, 500g
3.5/7N
3.5/7 N, 350/700g
6/12N
6/12 N, 600-1200g
OPTION
CODE
COLOR
NONE
Version with LED
BK
Black
K12
High Performance Key Switches
STANDARD
LED CODE
COLOR
NONE
Models without LED
L306
Green
L327
Yellow
L315
Orange
L352
Red
L302
White
L328
Blue
1
1 mm
1.5 1.5 mm
2
2 mm
CAP COLOR
TRAVEL
OPTION
CODE
COLOR
NONE
Models without LED
GN
Green
YE
Yellow
OG
Orange
RD
Red
WH
White
BU
Blue
LED COLOR
OPERATING FORCE


Similar Part No. - K12GO1.55NL306

ManufacturerPart #DatasheetDescription
logo
C&K Components
K12 CK-COMPONENTS-K12 Datasheet
279Kb / 6P
   High Performance Key Switches
logo
Jinan Jing Heng Electro...
K12 JINGHENG-K12 Datasheet
65Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
K12 YIXIN-K12 Datasheet
1Mb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Shunye Electro...
K12 SY-K12 Datasheet
1Mb / 2P
   SCHOTTKY DIODE
logo
SAMYANG ELECTRONICS CO....
K12 SAMYANG-K12 Datasheet
1Mb / 2P
   SCHOTTKY BARRIE R RECTIFIERS
More results

Similar Description - K12GO1.55NL306

ManufacturerPart #DatasheetDescription
logo
C&K Components
K12 CK-COMPONENTS-K12 Datasheet
279Kb / 6P
   High Performance Key Switches
K12 CK-COMPONENTS-K12_V01 Datasheet
563Kb / 6P
   High Performance Key Switches
14 Jan 22
K12S CK-COMPONENTS-K12S Datasheet
200Kb / 3P
   High Performance SMT Key Switches
K12S CK-COMPONENTS-K12S_V01 Datasheet
614Kb / 6P
   High Performance SMT Key Switches (Cold White)
23 Jun 22
logo
Copal Electronics
MRK COPAL-MRK Datasheet
1Mb / 8P
   Key Switches
MRKC1052B-C-10 COPAL-MRKC1052B-C-10 Datasheet
391Kb / 2P
   Key Switches
logo
ITT Industries
K6B1.53N ITT-K6B1.53N Datasheet
197Kb / 3P
   Miniature Key Switches
logo
C&K Components
K6BGN1.53NL306 CK-COMPONENTS-K6BGN1.53NL306 Datasheet
188Kb / 3P
   Miniature Key Switches
K12D CK-COMPONENTS-K12D Datasheet
192Kb / 2P
   High Performance Detect Switches
3 May 21
logo
Tyco Electronics
2SWK MACOM-2SWK Datasheet
295Kb / 4P
   Key Switches, Medium Security
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com