Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F6410 Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC18F6410
Description  64/80-Pin Flash Microcontrollers with nanoWatt Technology
Download  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6410 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC18F6410 Datasheet HTML 5Page - Microchip Technology PIC18F6410 Datasheet HTML 6Page - Microchip Technology PIC18F6410 Datasheet HTML 7Page - Microchip Technology PIC18F6410 Datasheet HTML 8Page - Microchip Technology PIC18F6410 Datasheet HTML 9Page - Microchip Technology PIC18F6410 Datasheet HTML 10Page - Microchip Technology PIC18F6410 Datasheet HTML 11Page - Microchip Technology PIC18F6410 Datasheet HTML 12Page - Microchip Technology PIC18F6410 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 404 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39635A-page 7
PIC18F6310/6410/8310/8410
1.0
DEVICE OVERVIEW
This document contains device specific information for
the following devices:
This family offers the advantages of all PIC18
microcontrollers
namely,
high
computational
performance at an economical price. In addition to
these
features,
the
PIC18F6310/6410/8310/8410
family introduces design enhancements that make
these microcontrollers a logical choice for many
high-performance, power sensitive applications.
1.1
New Core Features
1.1.1
nanoWatt TECHNOLOGY
All of the devices in the PIC18F6310/6410/8310/8410
family incorporate a range of features that can
significantly
reduce
power
consumption
during
operation. Key items include:
• Alternate Run Modes: By clocking the controller
from the Timer1 source or the internal oscillator
block, power consumption during code execution
can be reduced by as much as 90%.
• Multiple Idle Modes: The controller can also run
with its CPU core disabled, but the peripherals still
active. In these states, power consumption can be
reduced even further – to as little as 4% of normal
operation requirements.
• On-the-Fly Mode Switching: The power
managed modes are invoked by user code during
operation, allowing the user to incorporate
power-saving ideas into their application’s
software design.
• Lower Consumption in Key Modules: The
power requirements for both Timer1 and the
Watchdog Timer have been reduced by up to
80%, with typical values of 1.1
µA and 2.1 µA,
respectively.
1.1.2
MULTIPLE OSCILLATOR OPTIONS
AND FEATURES
All of the devices in the PIC18F6310/6410/8310/8410
family offer nine different oscillator options, allowing
users a wide range of choices in developing application
hardware. These include:
• Four Crystal modes, using crystals or ceramic
resonators.
• Two External Clock modes, offering the option of
using two pins (oscillator input and a divide-by-4
clock output) or one pin (oscillator input, with the
second pin reassigned as general I/O).
• Two External RC Oscillator modes, with the same
pin options as the External Clock modes.
• An internal oscillator block which provides an
8 MHz clock (±2% accuracy) and an INTRC
source (approximately 31 kHz, stable over
temperature and VDD), as well as a range of six
user selectable clock frequencies between
125 kHz to 4 MHz for a total of eight clock
frequencies. This option frees the two oscillator
pins for use as additional general purpose I/O.
• A Phase Lock Loop (PLL) frequency multiplier,
available to both the High-Speed Crystal and
Internal Oscillator modes, which allows clock
speeds of up to 40 MHz. Used with the internal
oscillator, the PLL gives users a complete
selection of clock speeds from 31 kHz to 32 MHz
– all without using an external crystal or clock
circuit.
Besides its availability as a clock source, the internal
oscillator block provides a stable reference source that
gives
the
family
additional
features
for
robust
operation:
• Fail-Safe Clock Monitor: This option constantly
monitors the main clock source against a
reference signal provided by the internal
oscillator. If a clock failure occurs, the controller is
switched to the internal oscillator block, allowing
for continued low-speed operation or a safe
application shutdown.
• Two-Speed Start-up: This option allows the
internal oscillator to serve as the clock source
from Power-on Reset or wake-up from Sleep
mode until the primary clock source is available.
• PIC18F6310
• PIC18LF6310
• PIC18F6410
• PIC18LF6410
• PIC18F8310
• PIC18LF8310
• PIC18F8410
• PIC18LF8410


Similar Part No. - PIC18F6410

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F6410 MICROCHIP-PIC18F6410 Datasheet
83Kb / 6P
   64/80-Pin High-Performance, Flash Microcontrollers with 10-bit A/D and nanoWatt Technology Product Brief
2003
More results

Similar Description - PIC18F6410

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F6390 MICROCHIP-PIC18F6390 Datasheet
6Mb / 412P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2004
PIC18F6390 MICROCHIP-PIC18F6390_07 Datasheet
7Mb / 414P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC16LF1526 MICROCHIP-PIC16LF1526 Datasheet
2Mb / 354P
   64-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16LF1527-I MICROCHIP-PIC16LF1527-I Datasheet
2Mb / 354P
   64-Pin Flash Microcontrollers with nanoWatt XLP Technology
05/02/11
PIC18F85J11 MICROCHIP-PIC18F85J11 Datasheet
6Mb / 396P
   64/80-Pin High-Performance Microcontrollers with nanoWatt Technology
2007
PIC18F87J10 MICROCHIP-PIC18F87J10 Datasheet
3Mb / 394P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
PIC18F87J11 MICROCHIP-PIC18F87J11 Datasheet
7Mb / 448P
   64/80-Pin High-Performance,1-Mbit Flash Microcontrollers with nanoWatt Technology
2007
PIC18F67J11-IPT MICROCHIP-PIC18F67J11-IPT Datasheet
7Mb / 448P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
03/26/09
PIC18F87J10 MICROCHIP-PIC18F87J10_09 Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
PIC18F87J50 MICROCHIP-PIC18F87J50 Datasheet
8Mb / 480P
   64/80-Pin High-Performance, 1-Mbit Flash USB Microcontrollers with nanoWatt Technology
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com