Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2DP3110AI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2DP3110AI
Description  1 of 2:10 Differential Clock/Data Fanout Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP3110AI Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY2DP3110AI Datasheet HTML 1Page - Cypress Semiconductor CY2DP3110AI Datasheet HTML 2Page - Cypress Semiconductor CY2DP3110AI Datasheet HTML 3Page - Cypress Semiconductor CY2DP3110AI Datasheet HTML 4Page - Cypress Semiconductor CY2DP3110AI Datasheet HTML 5Page - Cypress Semiconductor CY2DP3110AI Datasheet HTML 6Page - Cypress Semiconductor CY2DP3110AI Datasheet HTML 7Page - Cypress Semiconductor CY2DP3110AI Datasheet HTML 8Page - Cypress Semiconductor CY2DP3110AI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
FastEdge™ Series
CY2DP3110
Document #: 38-07469 Rev.*G
Page 7 of 9
3. 3V
Z o = 50 oh m
3. 3V
5"
5"
C Y 2D P 3 11 0
120 oh m
12 0 o h m
VC C = 3 . 3 V
VE E = 0 V
LV D S
51 o h m
( 2 pl a c es )
33 o h m
( 2 p l ac es )
L VPEC L t o
LV D S
Figure 8. Low-voltage Positive Emitter-coupled Logic (LVPECL) to a Low-voltage Differential Sig-
naling (LVDS) Interface
Figure 9. Termination for LVPECL to HTSL interface for VCC=2.5V would use X=50 Ohms, Y=2300 Ohms, and Z=1000
Ohms. See application note titled, “PECL Translation, SAW Oscillators, and Specs” for other signalling standards
and supplies.
VCC
VDD-2
Y
X
Z
One output is shown for clarity
Ordering Information
Part Number
Package Type
Product Flow
CY2DP3110AI
32-pin TQFP
Industrial, –40
° to 85°C
CY2DP3110AIT
32-pin TQFP – Tape and Reel
Industrial, –40
° to 85°C


Similar Part No. - CY2DP3110AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP3120 CYPRESS-CY2DP3120 Datasheet
193Kb / 9P
   1:20 Differential Clock/Data Fanout Buffer
CY2DP3120AI CYPRESS-CY2DP3120AI Datasheet
193Kb / 9P
   1:20 Differential Clock/Data Fanout Buffer
CY2DP3120AIT CYPRESS-CY2DP3120AIT Datasheet
193Kb / 9P
   1:20 Differential Clock/Data Fanout Buffer
CY2DP3120AXI CYPRESS-CY2DP3120AXI Datasheet
193Kb / 9P
   1:20 Differential Clock/Data Fanout Buffer
CY2DP3120AXIT CYPRESS-CY2DP3120AXIT Datasheet
193Kb / 9P
   1:20 Differential Clock/Data Fanout Buffer
More results

Similar Description - CY2DP3110AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314 Datasheet
213Kb / 9P
   1 of 2:4 Differential Clock/Data Fanout Buffer
CY2PP3220 CYPRESS-CY2PP3220 Datasheet
190Kb / 9P
   Dual 1:10 Differential Clock / Data Fanout Buffer
logo
Potato Semiconductor Co...
PO100HSTL11A POTATO-PO100HSTL11A Datasheet
553Kb / 6P
   1 to 2 Differential Clock/Data Fanout Buffer
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314_05 Datasheet
229Kb / 10P
   1:4 Differential Clock/Data Fanout Buffer
CY2DP3120 CYPRESS-CY2DP3120 Datasheet
193Kb / 9P
   1:20 Differential Clock/Data Fanout Buffer
logo
ON Semiconductor
NB6L611 ONSEMI-NB6L611 Datasheet
146Kb / 9P
   2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
December, 2006 ??Rev. 0
logo
Cypress Semiconductor
CY2PP3210 CYPRESS-CY2PP3210 Datasheet
275Kb / 9P
   Dual 1:5 Differential Clock / Data Fanout Buffer
logo
Potato Semiconductor Co...
PO74HSTL314A POTATO-PO74HSTL314A Datasheet
587Kb / 7P
   3.3V 2:4 Differential Clock/Data Fanout Buffer
PO74HSTL314A POTATO-PO74HSTL314A_14 Datasheet
1Mb / 7P
   2.3V - 3.6V 2:4 Differential Clock/Data Fanout Buffer
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11 Datasheet
85Kb / 8P
   1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com