Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP130 Datasheet(PDF) 6 Page - Anachip Corp

Part # AP130
Description  300mA Low Dropout (LDO) Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP130 Datasheet(HTML) 6 Page - Anachip Corp

  AP130 Datasheet HTML 1Page - Anachip Corp AP130 Datasheet HTML 2Page - Anachip Corp AP130 Datasheet HTML 3Page - Anachip Corp AP130 Datasheet HTML 4Page - Anachip Corp AP130 Datasheet HTML 5Page - Anachip Corp AP130 Datasheet HTML 6Page - Anachip Corp AP130 Datasheet HTML 7Page - Anachip Corp AP130 Datasheet HTML 8Page - Anachip Corp AP130 Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AP130
300mA Low Dropout (LDO) Linear Regulator
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 May 7, 2004
6/9
Appendix
Part Number
Part Number
SOT23
SOT89
Identification
code
SOT23
SOT89
Identification
code
AP130-15W
AP130-15Y
CA
AP130-33W
AP130-33Y
CS
AP130-16W
AP130-16Y
CB
AP130-34W
AP130-34Y
CT
AP130-17W
AP130-17Y
CC
AP130-35W
AP130-35Y
CU
AP130-18W
AP130-18Y
CD
AP130-36W
AP130-36Y
CV
AP130-19W
AP130-19Y
CE
AP130-37W
AP130-37Y
CW
AP130-20W
AP130-20Y
CF
AP130-38W
AP130-38Y
CX
AP130-21W
AP130-21Y
CG
AP130-39W
AP130-39Y
CY
AP130-22W
AP130-22Y
CH
AP130-40W
AP130-40Y
CZ
AP130-23W
AP130-23Y
CI
AP130-41W
AP130-41Y
C0
AP130-24W
AP130-24Y
CJ
AP130-42W
AP130-42Y
C1
AP130-25W
AP130-25Y
CK
AP130-43W
AP130-43Y
C2
AP130-26W
AP130-26Y
CL
AP130-44W
AP130-44Y
C3
AP130-27W
AP130-27Y
CM
AP130-45W
AP130-45Y
C4
AP130-28W
AP130-28Y
CN
AP130-46W
AP130-46Y
C5
AP130-29W
AP130-29Y
CO
AP130-47W
AP130-47Y
C6
AP130-30W
AP130-30Y
CP
AP130-48W
AP130-48Y
C7
AP130-31W
AP130-31Y
CQ
AP130-49W
AP130-49Y
C8
AP130-32W
AP130-32Y
CR
AP130-50W
AP130-50Y
C9
AP130-15R
AP130-15YR
GO
AP130-33R
AP130-33YR
H9
AP130-16R
AP130-16YR
GP
AP130-34R
AP130-34YR
HA
AP130-17R
AP130-17YR
GQ
AP130-35R
AP130-35YR
HB
AP130-18R
AP130-18YR
GR
AP130-36R
AP130-36YR
HC
AP130-19R
AP130-19YR
GS
AP130-37R
AP130-37YR
HD
AP130-20R
AP130-20YR
GT
AP130-38R
AP130-38YR
HE
AP130-21R
AP130-21YR
GU
AP130-39R
AP130-39YR
HF
AP130-22R
AP130-22YR
GV
AP130-40R
AP130-40YR
HG
AP130-23R
AP130-23YR
GW
AP130-41R
AP130-41YR
HH
AP130-24R
AP130-24YR
GX
AP130-42R
AP130-42YR
HI
AP130-25R
AP130-25YR
GY
AP130-43R
AP130-43YR
HJ
AP130-26R
AP130-26YR
GZ
AP130-44R
AP130-44YR
HK
AP130-27R
AP130-27YR
H0
AP130-45R
AP130-45YR
HL
AP130-28R
AP130-28YR
H1
AP130-46R
AP130-46YR
HM
AP130-29R
AP130-29YR
H2
AP130-47R
AP130-47YR
HN
AP130-30R
AP130-30YR
H3
AP130-48R
AP130-48YR
HO
AP130-31R
AP130-31YR
H4
AP130-49R
AP130-49YR
HP
AP130-32R
AP130-32YR
H5
AP130-50R
AP130-50YR
HQ


Similar Part No. - AP130

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
AP130 AMICC-AP130 Datasheet
92Kb / 8P
   1W Per Channel Stereo Class-D Audio Power Amplifier
logo
Diodes Incorporated
AP130 DIODES-AP130 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130 DIODES-AP130 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130 DIODES-AP130 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
More results

Similar Description - AP130

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130-15WL-7 DIODES-AP130-15WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130_11 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-25SAG-7 DIODES-AP130-25SAG-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-33WL-7 DIODES-AP130-33WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com