Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6SGN1.53NL315 Datasheet(PDF) 1 Page - ITT Industries

Part # K6SGN1.53NL315
Description  Miniature Key Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

K6SGN1.53NL315 Datasheet(HTML) 1 Page - ITT Industries

  K6SGN1.53NL315 Datasheet HTML 1Page - ITT Industries K6SGN1.53NL315 Datasheet HTML 2Page - ITT Industries K6SGN1.53NL315 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Construction
FUNCTION: momentary action
CONTACT ARRANGEMENT: 1 make contact = SPST, N.O.
DISTANCE BETWEEN BUTTON CENTERS:
min. 7,5 and 11,8 (0.295 and 0.465)
TERMINALS: Snap-in pins, tinned
MOUNTING: Soldered by PC pins, locating pins
PC board thickness: 1,5 (0.0591)
Mechanical
TOTAL TRAVEL/SWITCHING TRAVEL: 1,5/0,9 (0.059/0.035)
PROTECTION CLASS: IP 40 according to DIN/IEC 529
1) Voltage rise: 300 V/s
2) According to DIN 41640; IEC 512-2
3) Higher values upon request
NOTE: Product to be compatible with the lead free soldering profile
on Q4 2006. THT product: compatible with the lead free soldering profile.
K6
Miniature Key Switches
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
Operating Force
3N 3 N 300 grams
5N 5 N 500 grams
2N OD 2 N 200grams without snap-point
LED*
NONE
Models without LED
GN Green
YE
Yellow
OG Orange
RD
Red
WH White
BU
Blue
Standard LED Code
NONE Models without LED
L306
Green
L327
Yellow
L315
Orange
L352
Red
L302
White
L328
Blue
1.5
Series
K6B
K6BL with LED
K6S
SMT
K6SL SMT with LED
Travel
1.5 1,5mm (0.059)
K
6
L
Features/Benefits
Excellent tactile feel
Wide variety of LED’s,
travel and actuation forces
Designed for low-level
switching
Detector version available
RoHS compliant
Typical Applications
Automotive
Industrial electronics
Computers and network
equipment
Electrical
SWITCHING POWER MIN./MAX.: 0.02 mW / 3 W DC
SWITCHING VOLTAGE MIN./MAX.:
2 V DC / 30 V DC
SWITCHING CURRENT MIN./MAX.: 10 µA /100 mA DC
DIELECTRIC STRENGTH (50 Hz)1) 2):
≥ 300 V
OPERATING LIFE:
≥ 2 x 105 operations 3)
≥1 X 105 operations for SMT version
CONTACT RESISTANCE: Initial
≤ 50 mΩ
INSULATION RESISTANCE:
≥ 1010
BOUNCE TIME:
≤ 1 ms
Operating speed 100 mm/s (3.94/s)
Environmental
OPERATING TEMPERATURE: -40˚C to 85˚C.
STORAGE TEMPERATURE: -40˚C to 95˚C.
Process
SOLDERABILITY:
Maximum soldering time and temperature:
5 s at 260˚C; Hand soldering 3 s at 350˚C.
* Additional LED colors available by request.
www.ittcannon.com
E–7
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
E


Similar Part No. - K6SGN1.53NL315

ManufacturerPart #DatasheetDescription
logo
C&K Components
K6SGN1.53NL306 CK-COMPONENTS-K6SGN1.53NL306 Datasheet
188Kb / 3P
   Miniature Key Switches
More results

Similar Description - K6SGN1.53NL315

ManufacturerPart #DatasheetDescription
logo
C&K Components
K6BGN1.53NL306 CK-COMPONENTS-K6BGN1.53NL306 Datasheet
188Kb / 3P
   Miniature Key Switches
logo
Copal Electronics
MRK COPAL-MRK Datasheet
1Mb / 8P
   Key Switches
MRKC1052B-C-10 COPAL-MRKC1052B-C-10 Datasheet
391Kb / 2P
   Key Switches
logo
Tyco Electronics
2SWK MACOM-2SWK Datasheet
295Kb / 4P
   Key Switches, Medium Security
logo
C&K Components
P101133WM03NQE2 CK-COMPONENTS-P101133WM03NQE2 Datasheet
176Kb / 3P
   Low Profile Key Switches
D6C90F1FS CK-COMPONENTS-D6C90F1FS Datasheet
190Kb / 4P
   SPST Momentary Key Switches
D6F90F1LFS CK-COMPONENTS-D6F90F1LFS Datasheet
190Kb / 4P
   SPST Momentary Key Switches
D6C00F1LFS CK-COMPONENTS-D6C00F1LFS Datasheet
190Kb / 4P
   SPST Momentary Key Switches
KS11R22CQD CK-COMPONENTS-KS11R22CQD Datasheet
167Kb / 3P
   Single Pole Key Switches
PVA CK-COMPONENTS-PVA Datasheet
182Kb / 3P
   Short Stroke Key Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com