Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDM41024LA15SOI Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PDM41024LA15SOI
Description  1 Megabit Static RAM 128K x 8-Bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PDM41024LA15SOI Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PDM41024LA15SOI Datasheet HTML 1Page - List of Unclassifed Manufacturers PDM41024LA15SOI Datasheet HTML 2Page - List of Unclassifed Manufacturers PDM41024LA15SOI Datasheet HTML 3Page - List of Unclassifed Manufacturers PDM41024LA15SOI Datasheet HTML 4Page - List of Unclassifed Manufacturers PDM41024LA15SOI Datasheet HTML 5Page - List of Unclassifed Manufacturers PDM41024LA15SOI Datasheet HTML 6Page - List of Unclassifed Manufacturers PDM41024LA15SOI Datasheet HTML 7Page - List of Unclassifed Manufacturers PDM41024LA15SOI Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PDM41024
2
4/09/98 - Rev. 3.3
Pin Configuration
SOJ
A11
A9
A8
A13
WE
CE2
A15
Vcc
NC
A16
A14
A12
A7
A6
A5
A4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
OE
A10
CE1
I/O7
I/O6
I/O5
I/O4
I/O3
Vss
I/O2
I/O1
I/O0
A0
A1
A2
A3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
9
10
11
12
15
16
17
18
19
20
21
22
23
24
NC
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
Vss
Vcc
A15
CE2
WE
A13
A8
A9
A11
OE
A10
CE1
I/O7
I/O6
I/O5
I/O4
I/O3
13
14
25
26
27
28
29
30
31
32
Truth Table(1)
NOTE: 1. H = VIH, L = VIL, X = DON’T CARE
OE
WE
CE1
CE2
I/O
MODE
X
X
H
X
Hi-Z
Standby
X
X
X
L
Hi-Z
Standby
LH
L
H
DOUT
Read
XL
L
H
DIN
Write
H
H
L
H
Hi-Z
Output Disable
Pin Description
Name
Description
A16-A0
Address Inputs
I/O7-I/O0
Data Inputs/Outputs
OE
Output Enable Input
WE
Write Enable Input
CE1, CE2
Chip Enable Inputs
NC
No Connect
VCC
Power (+5V)
VSS
Ground
TSOP (I)
Absolute Maximum Ratings (1)
NOTE: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating con-
ditions for extended periods may affect reliability.
2. Appropriate thermal calculations should be performed in all cases and specifically for
those where the chosen package has a large thermal resistance (e.g., TSOP). The cal-
culation should be of the form: Tj = Ta + P * θja where Ta is the ambient temperature, P
is average operating power and
θ
ja the thermal resistance of the package. For this
product, use the following
θ
ja values:
SOJ: 72o C/W
TSOP: 95o C/W
Symbol
Rating
Com’l.
Ind.
Unit
VTERM
Terminal Voltage with Respect to VSS
–0.5 to +7.0
–0.5 to +7.0
V
TBIAS
Temperature Under Bias
–55 to +125
–65 to +135
°C
TSTG
Storage Temperature
–55 to +125
–65 to +150
°C
PT
Power Dissipation
1.0
1.0
W
IOUT
DC Output Current
50
50
mA
Tj
Maximum Junction Temperature (2)
125
145
°C


Similar Part No. - PDM41024LA15SOI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDM41028 ETC1-PDM41028 Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SO ETC1-PDM41028LA10SO Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SOA ETC1-PDM41028LA10SOA Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SOATR ETC1-PDM41028LA10SOATR Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SOATY ETC1-PDM41028LA10SOATY Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
More results

Similar Description - PDM41024LA15SOI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71024 IDT-IDT71024 Datasheet
68Kb / 8P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
71024S15YI IDT-71024S15YI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
List of Unclassifed Man...
IDT71024S15YGI ETC2-IDT71024S15YGI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Integrated Device Techn...
IDT71024S70 IDT-IDT71024S70 Datasheet
58Kb / 7P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
logo
Renesas Technology Corp
71024S RENESAS-71024S Datasheet
312Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
logo
Integrated Device Techn...
IDT71024S15TYI IDT-IDT71024S15TYI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
IDT71024S20YG IDT-IDT71024S20YG Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Cypress Semiconductor
CY62128DV30 CYPRESS-CY62128DV30_06 Datasheet
574Kb / 11P
   1-Mb (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com