Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTE0202R04 Datasheet(PDF) 2 Page - ITT Industries

Part # RTE0202R04
Description  Low Profile Rotary DIP Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RTE0202R04 Datasheet(HTML) 2 Page - ITT Industries

  RTE0202R04 Datasheet HTML 1Page - ITT Industries RTE0202R04 Datasheet HTML 2Page - ITT Industries RTE0202R04 Datasheet HTML 3Page - ITT Industries RTE0202R04 Datasheet HTML 4Page - ITT Industries RTE0202R04 Datasheet HTML 5Page - ITT Industries RTE0202R04 Datasheet HTML 6Page - ITT Industries RTE0202R04 Datasheet HTML 7Page - ITT Industries RTE0202R04 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-21
I
C&K RTE Series
Low Profile Rotary DIP Switches
RT
E
Number of Positions
RTE04
4 position*
RTE10
10 position
RTE16
16 position
ESD Protection
0
without
1
with**
Actuator
0
Flush, screwdriver slot
1
Extended shaft ****
2
Shaft for button ****
Terminations
N
Thru-hole
V
Right angle
G
Surface mount
M
Manual
Switch Function
0
Single pole
(not available for RTE10 & RTE16)
1
BCD code
2
BCD complement code (for RTE10 only/
not available with terminations G,M)
4
Hexadecimal code (for RTE16 only)
Contact/Terminal Material
3
Gold/Tin-Lead
4
Gold/Matte-tin
* RTE04 version only available with screw driver slot acuator "0"
** ESD protection only available with N termination
*** Buttons ordered separately
**** Not available in surface mount
***** Available with RTE 10, and RTE 16, with actuator option 2 only
Please note Gray code option available, consult ITT customer service for options and availability.
***
***
*****


Similar Part No. - RTE0202R04

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTE0202-G04 CK-COMPONENTS-RTE0202-G04 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE0202-G05 CK-COMPONENTS-RTE0202-G05 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE0202-G14 CK-COMPONENTS-RTE0202-G14 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE0202-G15 CK-COMPONENTS-RTE0202-G15 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE0202-G24 CK-COMPONENTS-RTE0202-G24 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
More results

Similar Description - RTE0202R04

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTE CK-COMPONENTS-RTE_V02 Datasheet
834Kb / 6P
   Low Profile Rotary DIP Switches
15 Sep 22
RTEDIP CK-COMPONENTS-RTEDIP Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE CK-COMPONENTS-RTE Datasheet
382Kb / 7P
   Low Profile Rotary DIP Switches
logo
ITT Industries
RTE1000G13 ITT-RTE1000G13 Datasheet
428Kb / 8P
   Low Profile Rotary DIP Switches
logo
C&K Components
RTE CK-COMPONENTS-RTE_V01 Datasheet
809Kb / 6P
   Low Profile Rotary DIP Switches
2021
logo
Omron Electronics LLC
A6R OMRON-A6R Datasheet
231Kb / 4P
   Low-cost Rotary DIP Switches
logo
C&K Components
RTF CK-COMPONENTS-RTF Datasheet
470Kb / 4P
   7.2mm x 7.2mm Low Profile Rotary DIP Switches
8 Nov 21
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
C&K Components
SDA CK-COMPONENTS-SDA Datasheet
208Kb / 3P
   Low Profile DIP Switches
logo
ITT Industries
SDA01H0BD ITT-SDA01H0BD Datasheet
251Kb / 3P
   Low Profile DIP Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com