Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89854U Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # SY89854U
Description  Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89854U Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button SY89854U Datasheet HTML 5Page - Micrel Semiconductor SY89854U Datasheet HTML 6Page - Micrel Semiconductor SY89854U Datasheet HTML 7Page - Micrel Semiconductor SY89854U Datasheet HTML 8Page - Micrel Semiconductor SY89854U Datasheet HTML 9Page - Micrel Semiconductor SY89854U Datasheet HTML 10Page - Micrel Semiconductor SY89854U Datasheet HTML 11Page - Micrel Semiconductor SY89854U Datasheet HTML 12Page - Micrel Semiconductor SY89854U Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Micrel, Inc.
SY89854U
June 2005
M9999-060905
hbwhelp@micrel.com or (408) 955-1690
11
Input Interface Applications
3a. LVPECL Interface
(DC-Coupled)
3b. LVPECL Interface
(AC-Coupled)
Option: may connect VT to VCC
3c. CML Interface
(DC-Coupled)
3d. CML Interface
(AC-Coupled)
3e. LVDS Interface


Similar Part No. - SY89854U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89854U MICREL-SY89854U Datasheet
567Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U Datasheet
520Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout
SY89854UMG MICREL-SY89854UMG Datasheet
567Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854UMGTR MICREL-SY89854UMGTR Datasheet
567Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854UMGTR MICREL-SY89854UMGTR Datasheet
520Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout
More results

Similar Description - SY89854U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89854U MICREL-SY89854U_07 Datasheet
567Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
   ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY58021U MICREL-SY58021U_10 Datasheet
721Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge
SY58021U_1109 MICREL-SY58021U_1109 Datasheet
639Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge짰
SY58021U MICREL-SY58021U_07 Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021U MICREL-SY58021U Datasheet
133Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY89858U MICREL-SY89858U Datasheet
956Kb / 10P
   PRECISION LOW POWER 1:8 LVPECL FANOUT BUFFER WITH INTERNAL TERMINATION
SY89858U MICREL-SY89858U_07 Datasheet
510Kb / 10P
   Precision Low Power 1:8 LVPECL Fanout Buffer with Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com