Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40101 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40101
Description  MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40101 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS40101 Datasheet HTML 3Page - Texas Instruments TPS40101 Datasheet HTML 4Page - Texas Instruments TPS40101 Datasheet HTML 5Page - Texas Instruments TPS40101 Datasheet HTML 6Page - Texas Instruments TPS40101 Datasheet HTML 7Page - Texas Instruments TPS40101 Datasheet HTML 8Page - Texas Instruments TPS40101 Datasheet HTML 9Page - Texas Instruments TPS40101 Datasheet HTML 10Page - Texas Instruments TPS40101 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
www.ti.com
1
2
24
23
19
20
11
3
COMP
FB
MGU
MGD
ISNS
VO
GM
TRKOUT
TPS40100
4
TRKIN
+
Reference
Select
0.725 V
0.711 V
0.690 V
0.669 V
0.655 V
SS
+
+
+
+
2 V
Oscillator
7
22
+
PWM
RT
SYNC
5
UVLO
+
1.33 V
CLK
Adaptive
Gate
Drive
and
Prebias
Control
CLK
OC
FAULT
UVLO
OC/SS
Controller
1.48 V
OC
6
ILIM
CLK
OC
10
SS
Housekeeping
8
BIAS
21 PG
18 VDD
Reference
Voltages
FAULT
15 BST
17
SW
16 HDRV
14 5VBP
12 PGND
13 LDRV
10
µA
UDG−04142x
9
GND
TPS40101
SLUS726 – SEPTEMBER 2006
FUNCTIONAL BLOCK DIAGRAM
7
Submit Documentation Feedback


Similar Part No. - TPS40101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40101 TI-TPS40101_15 Datasheet
805Kb / 37P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
More results

Similar Description - TPS40101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40100 TI-TPS40100 Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100 TI1-TPS40100_16 Datasheet
1Mb / 40P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100 TI-TPS40100_15 Datasheet
1Mb / 40P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40101 TI-TPS40101_15 Datasheet
805Kb / 37P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40075 TI1-TPS40075_14 Datasheet
1Mb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI1-TPS40074_16 Datasheet
454Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_15 Datasheet
1Mb / 45P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com