Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDM41024SA15TSOTR Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PDM41024SA15TSOTR
Description  1 Megabit Static RAM 128K x 8-Bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PDM41024SA15TSOTR Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PDM41024SA15TSOTR Datasheet HTML 1Page - List of Unclassifed Manufacturers PDM41024SA15TSOTR Datasheet HTML 2Page - List of Unclassifed Manufacturers PDM41024SA15TSOTR Datasheet HTML 3Page - List of Unclassifed Manufacturers PDM41024SA15TSOTR Datasheet HTML 4Page - List of Unclassifed Manufacturers PDM41024SA15TSOTR Datasheet HTML 5Page - List of Unclassifed Manufacturers PDM41024SA15TSOTR Datasheet HTML 6Page - List of Unclassifed Manufacturers PDM41024SA15TSOTR Datasheet HTML 7Page - List of Unclassifed Manufacturers PDM41024SA15TSOTR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PDM41024
Rev. 3.3 - 4/09/98
5
1
2
3
4
5
6
7
8
9
10
11
12
tRC
tACE
tAA
tLZCE
tHZCE
tLZOE
tHZOE
tAOE
ADDR
CE1
CE2
OE
DOUT
DATA VALID
Read Cycle No. 1(4, 5)
Read Cycle No. 2(2, 4, 6)
AC Electrical Characteristics
SHADED AREA = PRELIMINARY DATA
Notes referenced are after Data Retention Table.
Description
-10(7)
-12(7)
-15
READ Cycle
Sym
Min. Max. Min. Max. Min. Max. Units
READ cycle time
tRC
10
12
15
ns
Address access time
tAA
10
12
15
ns
Chip enable access time
tACE
10
12
15
ns
Output hold from address change
tOH
3
33
ns
Chip enable to output in low Z(1,3)
tLZCE
5
55
ns
Chip disable to output in high Z(1,2,3)
tHZCE
667
ns
Chip enable to power up time(3)
tPU
0
00
ns
Chip disable to power down time(3)
tPD
10
12
15
ns
Output enable access time
tAOE
666
ns
Output enable to output in low Z (1,3)
tLZOE
0
00
ns
Output disable to output in high Z(1,3)
tHZOE
666
ns
tRC
tAA
tOH
PREVIOUS DATA VALID
DOUT
ADDR
DATA VALID


Similar Part No. - PDM41024SA15TSOTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDM41028 ETC1-PDM41028 Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SO ETC1-PDM41028LA10SO Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SOA ETC1-PDM41028LA10SOA Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SOATR ETC1-PDM41028LA10SOATR Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SOATY ETC1-PDM41028LA10SOATY Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
More results

Similar Description - PDM41024SA15TSOTR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71024 IDT-IDT71024 Datasheet
68Kb / 8P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
71024S15YI IDT-71024S15YI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
List of Unclassifed Man...
IDT71024S15YGI ETC2-IDT71024S15YGI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Integrated Device Techn...
IDT71024S70 IDT-IDT71024S70 Datasheet
58Kb / 7P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
logo
Renesas Technology Corp
71024S RENESAS-71024S Datasheet
312Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
logo
Integrated Device Techn...
IDT71024S15TYI IDT-IDT71024S15TYI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
IDT71024S20YG IDT-IDT71024S20YG Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Cypress Semiconductor
CY62128DV30 CYPRESS-CY62128DV30_06 Datasheet
574Kb / 11P
   1-Mb (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com