Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K12AYE15NL327 Datasheet(PDF) 1 Page - ITT Industries

Part # K12AYE15NL327
Description  High Performance Key Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

K12AYE15NL327 Datasheet(HTML) 1 Page - ITT Industries

  K12AYE15NL327 Datasheet HTML 1Page - ITT Industries K12AYE15NL327 Datasheet HTML 2Page - ITT Industries K12AYE15NL327 Datasheet HTML 3Page - ITT Industries K12AYE15NL327 Datasheet HTML 4Page - ITT Industries K12AYE15NL327 Datasheet HTML 5Page - ITT Industries K12AYE15NL327 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.ittcannon.com
E–10
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
E
K12
High Performance Key Switches
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
Features/Benefits
Excellent tactile feel
Wide choice of LED colors,
travel and actuator forces
High reliability / long life
Sealed version available
Designed for low-level switching
Double stroke version available
Detector version available
Series
K12A
No snap-in pegs
K12AL
No snap-in pegs with central LED
K12P
With snap-in pegs
K12PL
With central LED
K12C
Sealed contact with rubber cap (IP 67)
K12GO
Two-step switch without side LED holder
K12GOL K12GO with central LED
LED Color
NONE
No LED
GN
Green
YE
Yellow
OG
Orange
RD
Red
WH
White
BU
Blue
Travel*
1
1 mm (0.039)
1.5
1.5 mm (0.059)
2
2 mm (0.079)
Operating Force
1.5N OD 1.5 N without
snap-point
2.5N
2.5 N
3.5N
3.5 N
5N
5 N
3.5/7N
3.5/7 N**
6/12N
6/12 N**
2
K
1
L
Standard LED Code
NONE
No LED
L306
Green
L327
Yellow
L315
Orange
L352
Red
L302
White
L328
Blue
*
K12C – 1mm MAX
K12 with LED – 1.5 mm MAX
** K12G & K12GO version only
Cap Color
NONE
version with LED
BK
Black cap – No LED
Typical Applications
Automotive
Off-road transportation
Industrial electronics
Computers & network equipment
Electrical
SWITCHING POWER MIN./MAX.: 0.02mW/3 W
SWITCHING VOLTAGE MIN./MAX.: 2 V DC / 30 V DC
SWITCHING CURRENT MIN./MAX.: 10 µA /100 mA
DIELECTRIC STRENGTH (50 Hz, 1 min):
≥ 500 V
OPERATING LIFE with max. switching power:
≥ 106 operations
K12G & K12GO; operating life of second switch 5 x 104 operations
CONTACT RESISTANCE: Initial
≤ 50 mΩ
INSULATION RESISTANCE:
≥ 1010
BOUNCE TIME:
≤ 1 ms
Operating speed 400 mm/s (15.75/s)
Environmental
OPERATING TEMPERATURE: -40˚C to 85˚C.
STORAGE TEMPERATURE: -40˚C to 95˚C.
Process
SOLDERABILITY:
Max. soldering time and temperature: 5 s at 260˚C
Construction:
FUNCTION: momentary
DISTANCE BETWEEN BUTTON CENTERS:
min. 11 (0.433) K12C = 13 (0.512)
TERMINALS: PC pins, tinned
MOUNTING: Locating pins; K12D, K12G and K12P additionally
with snap-in housing
Mechanical
TOTAL TRAVEL: 1 mm, 1,5 mm, 2 mm
SWITCHING TRAVEL: 0,6 mm*
OPERATING FORCE: 1.5 N OD without snap-point as detector
switch, 2.5 N, 3.5 N, 5 N, 3.5/7 N, 6/12 N
PROTECTION CLASS: K12C IP 67 (dust tight, protected against
the effects of immersion in water; other versions IP 50)
* Additional switching travel (with pre-travel) available by request.
NOTE: Product to be offered compliant and compatible on Q1 2006.
Contact
Arrangement
NONE
SPST NO (STD)
1R
SPST NC
(Special request)


Similar Part No. - K12AYE15NL327

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
K12A FOX-K12A Datasheet
283Kb / 3P
   2 x 1.2mm Auto Grade Tuning Fork
logo
Toshiba Semiconductor
K12A50D TOSHIBA-K12A50D Datasheet
262Kb / 6P
   Switching Regulator Applications
K12A60D TOSHIBA-K12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
K12A60U TOSHIBA-K12A60U Datasheet
187Kb / 6P
   Field Effect Transistor Silicon N Channel MOS Type (DTMOS??
K12A60W TOSHIBA-K12A60W Datasheet
246Kb / 10P
   MOSFETs Silicon N-Channel MOS (DTMOS??
More results

Similar Description - K12AYE15NL327

ManufacturerPart #DatasheetDescription
logo
C&K Components
K12 CK-COMPONENTS-K12 Datasheet
279Kb / 6P
   High Performance Key Switches
K12 CK-COMPONENTS-K12_V01 Datasheet
563Kb / 6P
   High Performance Key Switches
14 Jan 22
K12S CK-COMPONENTS-K12S Datasheet
200Kb / 3P
   High Performance SMT Key Switches
K12S CK-COMPONENTS-K12S_V01 Datasheet
614Kb / 6P
   High Performance SMT Key Switches (Cold White)
23 Jun 22
logo
Copal Electronics
MRK COPAL-MRK Datasheet
1Mb / 8P
   Key Switches
MRKC1052B-C-10 COPAL-MRKC1052B-C-10 Datasheet
391Kb / 2P
   Key Switches
logo
ITT Industries
K6B1.53N ITT-K6B1.53N Datasheet
197Kb / 3P
   Miniature Key Switches
logo
C&K Components
K6BGN1.53NL306 CK-COMPONENTS-K6BGN1.53NL306 Datasheet
188Kb / 3P
   Miniature Key Switches
K12D CK-COMPONENTS-K12D Datasheet
192Kb / 2P
   High Performance Detect Switches
3 May 21
logo
Tyco Electronics
2SWK MACOM-2SWK Datasheet
295Kb / 4P
   Key Switches, Medium Security
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com