Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGY586 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGY586
Description  CATV amplifier modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY586 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGY586 Datasheet HTML 1Page - NXP Semiconductors BGY586 Datasheet HTML 2Page - NXP Semiconductors BGY586 Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
February 1995
2
Philips Semiconductors
Product specification
CATV amplifier modules
BGY586; BGY587
FEATURES
• Excellent linearity
• Extremely low noise
• Silicon nitride passivation
• Rugged construction
• TiPtAu metallized crystals ensure
optimal reliability.
DESCRIPTION
Hybrid amplifier modules for CATV
systems operating over a frequency
range of 40 to 550 MHz at a voltage
supply of 24 V (DC). The BGY586 is
intended for use as a pre-amplifier
and BGY587 as a final amplifier.
PINNING - SOT115J
PIN
DESCRIPTION
1
input
2
common
3
common
5+VB
7
common
8
common
9
output
Fig.1 Simplified outline.
fpage
7
8
9
2
35
1
Side view
MSA319
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Gp
power gain
f = 50 MHz
21.5
22.5
dB
f = 550 MHz
22
−−
dB
Itot
total current consumption (DC)
VB = 24 V
BGY586
180
200
mA
BGY587
220
240
mA
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
Vi
RF input voltage
65
dBmV
Tstg
storage temperature
−40
+100
°C
Tmb
operating mounting base temperature
−20
+100
°C


Similar Part No. - BGY586

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY580 PHILIPS-BGY580 Datasheet
48Kb / 8P
   CATV amplifier module
1998 Feb 25
BGY583 PHILIPS-BGY583 Datasheet
48Kb / 8P
   CATV amplifier module
1998 Feb 25
BGY585 PHILIPS-BGY585 Datasheet
52Kb / 8P
   CATV amplifier module
1999 Mar 22
BGY585A PHILIPS-BGY585A Datasheet
61Kb / 8P
   CATV amplifier module
1999 Mar 26
BGY585A NXP-BGY585A Datasheet
243Kb / 8P
   550 MHz, 18.2 dB gain push-pull amplifier
Rev. 6 - 29 September 2010
More results

Similar Description - BGY586

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD702 PHILIPS-BGD702 Datasheet
64Kb / 12P
   CATV amplifier modules
2001 Nov 27
BGY84 PHILIPS-BGY84 Datasheet
51Kb / 8P
   CATV amplifier modules
1999 Mar 26
BGY84A PHILIPS-BGY84A Datasheet
62Kb / 8P
   CATV amplifier modules
1997 Apr 10
BGY86 PHILIPS-BGY86 Datasheet
45Kb / 8P
   CATV amplifier modules
1999 Mar 25
BGD902 PHILIPS-BGD902 Datasheet
73Kb / 10P
   CATV amplifier modules
Rev. 07-8 March 2005
BGD904 PHILIPS-BGD904 Datasheet
74Kb / 12P
   CATV amplifier modules
2000 Jan 10
BGY80 PHILIPS-BGY80 Datasheet
14Kb / 3P
   CATV amplifier modules
February 1995
BGD906 PHILIPS-BGD906 Datasheet
73Kb / 12P
   CATV amplifier modules
2000 Mar 28
BGD802 PHILIPS-BGD802 Datasheet
55Kb / 12P
   CATV amplifier modules
1999 Mar 26
BGD502 PHILIPS-BGD502 Datasheet
31Kb / 4P
   CATV power doubler amplifier modules
1995 Oct 25
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com