Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PV75A10-32BWL Datasheet(PDF) 3 Page - ITT Industries

Part # PV75A10-32BWL
Description  Series 2 Connectors PV
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

PV75A10-32BWL Datasheet(HTML) 3 Page - ITT Industries

  PV75A10-32BWL Datasheet HTML 1Page - ITT Industries PV75A10-32BWL Datasheet HTML 2Page - ITT Industries PV75A10-32BWL Datasheet HTML 3Page - ITT Industries PV75A10-32BWL Datasheet HTML 4Page - ITT Industries PV75A10-32BWL Datasheet HTML 5Page - ITT Industries PV75A10-32BWL Datasheet HTML 6Page - ITT Industries PV75A10-32BWL Datasheet HTML 7Page - ITT Industries PV75A10-32BWL Datasheet HTML 8Page - ITT Industries PV75A10-32BWL Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.ittcannon.com
159
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-26482, Series 2 Connectors
PV
Narrow Flange Receptacle
Cable Connecting Receptacle
MS3470
PV70
MS3471
PV71
Shell
Size*
8
10
12
14
16
18
20
22
24
.462 (11.73)
.462 (11.73)
.462 (11.73)
.462 (11.73)
.462 (11.73)
.462 (11.73)
.587 (14.91)
.587 (14.91)
.620 (15.75)
.474 (12.04)
.594 (15.01)
.751 (19.08)
.876 (22.25)
1.001 (25.43)
1.126 (28.60)
1.251 (31.78)
1.376 (34.95)
1.501 (38.13)
1.215 (30.85)
1.215 (30.85)
1.215 (30.85)
1.215 (30.85)
1.215 (30.85)
1.215 (30.85)
1.275 (32.40)
1.275 (32.40)
1.275 (32.40)
.078 (1.98)
.078 (1.98)
.078 (1.98)
.078 (1.98)
.078 (1.98)
.078 (1.98)
.110 (2.79)
.110 (2.79)
.110 (2.79)
.594 (15.09)
.719 (18.26)
.812 (20.62)
.906 (23.01)
.969 (24.61)
1.062 (26.97)
1.156 (29.36)
1.250 (31.75)
1.375 (34.93)
.828 (21.03)
.954 (24.23)
1.047 (26.59)
1.141 (28.98)
1.234 (31.34)
1.328 (33.73)
1.453 (36.91)
1.578 (40.08)
1.703 (43.26)
1/2-20
5/8-24
3/4-20
7/8-20
1-20
1-1/16-18
1-3/16-18
1-5/16-18
1-7/16-18
10
12
14
16
18
20
22
24
10
12
14
16
18
20
22
24
*See page 158 for part numbers.† To order backshell assemblies separately, see page 161.
1.492 (37.90)
1.492 (37.90)
1.492 (37.90)
1.492 (37.90)
1.492 (37.90)
1.552 (39.42)
1.552 (39.42)
1.552 (39.42)
.286 (7.26)
.416 (10.57)
.476 (12.09)
.626 (15.90)
.706 (17.93)
.831 (21.11)
.956 (24.28)
1.081 (27.46)
.286 (7.26)
.416 (10.57)
.476 (12.09)
.626 (15.90)
.706 (17.93)
.831 (21.11)
.956 (24.28)
1.081 (27.46)
1.842 (46.79)
1.842 (46.79)
2.077 (52.76)
2.077 (52.76)
2.077 (52.76)
2.137 (54.28)
2.137 (54.28)
2.137 (54.28)
.880 (23.35)
.950 (24.13)
1.010 (25.65)
1.070 (27.18)
1.130 (28.70)
1.190 (30.23)
1.260 (32.00)
1.320 (33.53)
2.115 (53.72)
2.250 (57.15)
2.340 (59.44)
2.475 (62.87)
2.574 (65.38)
2.767 (70.28)
2.890 (73.41)
3.012 (76.50)
.462 (11.73)
.462 (11.73)
.462 (11.73)
.462 (11.73)
.462 (11.73)
.587 (14.91)
.587 (14.91)
.620 (15.75)
.591 (15.01)
.751 (19.08)
.876 (22.25)
1.001 (25.43)
1.126 (28.60)
1.251 (31.78)
1.376 (34.95)
1.501 (38.13)
.078 (1.98)
.078 (1.98)
.078 (1.98)
.078 (1.98)
.078 (1.98)
.110 (2.79)
.110 (2.79)
.110 (2.79)
1.082 (27.48)
1.176 (29.87)
1.270 (32.26)
1.364 (34.64)
1.458 (37.03)
1.708 (43.38)
1.708 (43.38)
1.832 (46.53)
.954 (24.23)
1.047 (26.59)
1.141 (28.98)
1.234 (31.34)
1.328 (33.73)
1.578 (40.08)
1.578 (40.08)
1.703 (43.26)
1.215 (30.86)
1.215 (30.86)
1.215 (30.86)
1.215 (30.86)
1.215 (30.86)
1.275 (32.38)
1.275 (32.38)
1.275 (32.38)
5/8-24
3/4-20
7/8-20
1-20
1-1/16-18
1-5/16-18
1-5/16-18
1-7/16-18
4 HOLES .125/.115 (3.18/2.92) DIA. SIZES 10-22
.152/.142/(3.86/3.61) DIA SIZE 24 ONLY
POLARIZING
GROOVE
L
(TYP)
F
DIA
B
U THD
J
G
.130/.190
(3.30/4.83)
POLARIZING
GROOVE
R DIA.
MAX.
S MAX.
(TYP.)
EC REF.
ES REF.
ER REF.
GR
REF.
HR
FS
B
J
V THD
A
DIA.
W
.130/.190
(3.30/4.83)
K
(TYP)
(TP)
.140 RAD.
MAX.
B
Max
F
Max
G
Max
J
Max
U Thread
UNEF
Class 2A
K
L
Shell
Size*
Shell
Size*
TYPE R
TYPE S
TYPE C
Backshell Assemblies not supplied with MS connectors.
Perfomance Specifications - Page 158
Contacts, Sealing Plugs, Assembly Tools - Pages
163, 165
Contacts Arrangements - Page 162
Fs
Max.
Es
Max.
Gr
Max.
Hr
Max.
Er
Max.
TYPE C
Ec
Max.
TYPE S
TYPE R
Receptacle Assembly With Backshell†
A
Max
B
Max
J
Max
R Dia.
Max
S
Max
W
Max
U Thread
UNEF
Class 2A


Similar Part No. - PV75A10-32BWL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PV75K3225 ETC2-PV75K3225 Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
PV75K3225 ETC2-PV75K3225 Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
logo
Stackpole Electronics, ...
PV75K3225 SEI-PV75K3225 Datasheet
142Kb / 3P
   Low & Medium Voltage Plastic Encapsulated SMD Varistor
08/28/2019
PV75K3225T SEI-PV75K3225T Datasheet
142Kb / 3P
   Low & Medium Voltage Plastic Encapsulated SMD Varistor
08/28/2019
logo
List of Unclassifed Man...
PV75K4032 ETC2-PV75K4032 Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
More results

Similar Description - PV75A10-32BWL

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1351340000 WEIDMULLER-1351340000 Datasheet
386Kb / 5P
   VPU II 2 PV 600V DC
1351370000 WEIDMULLER-1351370000 Datasheet
390Kb / 5P
   VPU II 2 R PV 600V DC
logo
ZHEJIANG HUAJING RECTIF...
HMD90A HUAJING-HMD90A Datasheet
256Kb / 3P
   PV diode module
HMD160A HUAJING-HMD160A Datasheet
282Kb / 4P
   PV diode module
HMD350A HUAJING-HMD350A Datasheet
291Kb / 4P
   PV diode module
HMDK25A HUAJING-HMDK25A Datasheet
258Kb / 3P
   PV diode module
logo
PHOENIX CONTACT
3031526 PHOENIX-3031526 Datasheet
170Kb / 5P
   STTB 1,5-PV
3044733 PHOENIX-3044733 Datasheet
148Kb / 6P
   UTTB 4-PV
2791388 PHOENIX-2791388 Datasheet
96Kb / 5P
   UKK 5-PV
3211825 PHOENIX-3211825 Datasheet
127Kb / 6P
   PITTB 4-PV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com