Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2367EGM Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2367EGM
Description  Complete Dual-Band Quadrature Transmitters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2367EGM Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2367EGM Datasheet HTML 4Page - Maxim Integrated Products MAX2367EGM Datasheet HTML 5Page - Maxim Integrated Products MAX2367EGM Datasheet HTML 6Page - Maxim Integrated Products MAX2367EGM Datasheet HTML 7Page - Maxim Integrated Products MAX2367EGM Datasheet HTML 8Page - Maxim Integrated Products MAX2367EGM Datasheet HTML 9Page - Maxim Integrated Products MAX2367EGM Datasheet HTML 10Page - Maxim Integrated Products MAX2367EGM Datasheet HTML 11Page - Maxim Integrated Products MAX2367EGM Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Complete Dual-Band
Quadrature Transmitters
8
_______________________________________________________________________________________
Pin Description
MAX2360
PIN
NAME
FUNCTION
MAX2368
MAX2367
1
1
RFL
Transmitter RF Output for Cellular Band (800MHz to 1000MHz)—for both FM
and digital modes. This open-collector output requires a pullup inductor to
the supply voltage, which may be part of the output matching network and
may be connected directly to the battery.
No Connection. Make no connection to these pins.
N.C.
2, 10, 11,
16, 17,
32–35
43, 47
1, 8, 9, 18,
19, 30, 31,
34, 35, 44
2
2
RFH0
Transmitter RF Output for PCS Band (1700MHz to 2000MHz). This open-
collector output requires a pullup inductor to the supply voltage. The pullup
inductor may be part of the output matching network and may be connected
directly to the battery.
Open-Collector Output Indicating Lock Status of the IF and/or the RF PLLs.
Requires a pullup resistor. Control using configuration register bit LD_MODE0,
LD_MODE1.
LOCK
3
3
3
4
4
4
VCC
Power Supply
Digital Input. A logic low on IDLE shuts down everything except the RF PLL
and associated registers. A small R-C lowpass filter may be used to prevent
digital noise.
IDLE
5
5
5
6
6
6
VCC
Supply Pin for the Upconverter Stage. VCC must be bypassed to system
ground as close to the pin as possible. The ground vias for the bypass
capacitor should not be shared by any other branch.
Digital Input. A logic low on TXGATE shuts down everything except the RF
PLL, IF PLL, IF VCO, and serial bus and registers. This mode is used for
gated transmission.
TXGATE
7
7
7
8, 9
8, 9
IFINL+,
IFINL-
Differential Inputs to the RF Upconverter. These pins are internally biased to
+1.5V. The input impedance for these ports is nominally 400
Ω differential.
The IF filter should be AC-coupled to these ports. Keep the differential lines
as short as possible to minimize stray pickup and shunt capacitance.
Differential Inputs to the RF Upconverter. These pins are internally biased to
+1.5V. The input impedance for these ports is nominally 400
Ω differential.
The IF filter should be AC-coupled to these ports. Keep the differential lines
as short as possible to minimize stray pickup and shunt capacitance.
IFINH+,
IFINH-
10, 11
10, 11
12
12
12
RBIAS
Bias Resistor Pin. RBIAS is internally biased to a bandgap voltage of +1.18V. An
external resistor or current source must be connected to this pin to set the bias
current for the upconverters and PA driver stages. The nominal resistor value is
16k
Ω. This value can be altered to optimize the linearity of the driver stage.
Input Pins from the 3-Wire Serial Bus (SPI/QSPI/MICROWIRE compatible).
An R-C filter on each of these pins may be used to reduce noise.
CLK, DI,
CS
13, 14, 15
13, 14, 15
13, 14, 15
MAX2366


Similar Part No. - MAX2367EGM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX236 MAXIM-MAX236 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX236 MAXIM-MAX236 Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX236 MAXIM-MAX236 Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX2360 MAXIM-MAX2360 Datasheet
327Kb / 24P
   Complete Dual-Band Quadrature Transmitters
Rev 1; 10/00
MAX2360ECM MAXIM-MAX2360ECM Datasheet
327Kb / 24P
   Complete Dual-Band Quadrature Transmitters
Rev 1; 10/00
More results

Similar Description - MAX2367EGM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2360 MAXIM-MAX2360 Datasheet
327Kb / 24P
   Complete Dual-Band Quadrature Transmitters
Rev 1; 10/00
logo
List of Unclassifed Man...
MAX2369EGM ETC-MAX2369EGM Datasheet
237Kb / 16P
   Complete Dual-Band Quadrature Transmitter
logo
Maxim Integrated Produc...
MAX2369 MAXIM-MAX2369 Datasheet
228Kb / 16P
   Complete Dual-Band Quadrature Transmitter
Rev 1; 10/01
MAX2370 MAXIM-MAX2370 Datasheet
371Kb / 19P
   Complete 450MHz Quadrature Transmitter
Rev 0; 5/05
logo
Analog Devices
AD9854 AD-AD9854 Datasheet
433Kb / 44P
   CMOS 300 MHz Quadrature Complete-DDS
REV. 0
AD9854 AD-AD9854_15 Datasheet
1Mb / 52P
   CMOS 300 MSPS Quadrature Complete DDS
Rev. E
logo
RF Micro Devices
RF2483 RFMD-RF2483 Datasheet
423Kb / 20P
   LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2483 RFMD-RF2483_11 Datasheet
3Mb / 34P
   LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2483 RFMD-RF2483_06 Datasheet
524Kb / 28P
   LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2483 RFMD-RF2483_1 Datasheet
753Kb / 28P
   LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com