Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTB35N15 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTB35N15
Description  Power MOSFET 37 Amps, 150 Volts N-Channel Enhancement-Mode D2PAK
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB35N15 Datasheet(HTML) 3 Page - ON Semiconductor

  NTB35N15 Datasheet HTML 1Page - ON Semiconductor NTB35N15 Datasheet HTML 2Page - ON Semiconductor NTB35N15 Datasheet HTML 3Page - ON Semiconductor NTB35N15 Datasheet HTML 4Page - ON Semiconductor NTB35N15 Datasheet HTML 5Page - ON Semiconductor NTB35N15 Datasheet HTML 6Page - ON Semiconductor NTB35N15 Datasheet HTML 7Page - ON Semiconductor NTB35N15 Datasheet HTML 8Page - ON Semiconductor NTB35N15 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NTB35N15
http://onsemi.com
3
Figure 1. On–Region Characteristics
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
70
60
50
40
30
20
10
10
7
6
5
4
3
2
1
0
Figure 2. Transfer Characteristics
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
7
6
5
4
3
2
70
60
50
40
30
20
10
0
0
Figure 3. On–Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (AMPS)
0.1
0.08
0.06
0.02
50
40
30
20
10
0
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
ID, DRAIN CURRENT (AMPS)
40
30
20
10
0
0.05
0.045
0.04
0.035
0.03
0
0.055
Figure 5. On–Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
2.5
2.25
2.0
1.75
1.5
1.25
1.0
0.75
0.5
150
125
100
75
50
25
0
–25
–50
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
50
40
30
1000
100
10
0.25
0
10,000
Figure 6. Drain–to–Source Leakage Current
versus Voltage
70
60
0.04
70
50
70
60
150
80
89
60
100
90
110 120 130 140
VGS = 10 V
VGS = 4.5 V
VGS = 5 V
VGS = 5.5 V
VGS = 7 V
VGS = 6 V
VGS = 9 V
TJ = 25°C
VGS = 8 V
VGS = 4 V
TJ = 25°C
TJ = –55°C
TJ = 100°C
VDS ≥ 10 V
TJ = 25°C
TJ = –55°C
TJ = 100°C
VGS = 10 V
TJ = 25°C
VGS = 10 V
VGS = 15 V
ID = 18.5 A
VGS = 10 V
TJ = 150°C
VGS = 0 V
TJ = 100°C


Similar Part No. - NTB35N15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB35N15T4G ONSEMI-NTB35N15T4G Datasheet
86Kb / 8P
   N?묬hannel Enhancement?묺ode D2PAK
August, 2005 ??Rev. 5
logo
VBsemi Electronics Co.,...
NTB35N15T4G VBSEMI-NTB35N15T4G Datasheet
1,005Kb / 8P
   N-Channel 150V (D-S) MOSFET
More results

Similar Description - NTB35N15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15 ONSEMI-NTP35N15 Datasheet
73Kb / 8P
   Power MOSFET 37 Amps, 150 Volts
December, 2003 ??Rev. 2
logo
Unisonic Technologies
UTT150N06 UTC-UTT150N06 Datasheet
196Kb / 6P
   150 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTB30N20 ONSEMI-NTB30N20 Datasheet
85Kb / 8P
   Power MOSFET 30 Amps, 200 Volts N?묬hannel Enhancement?묺ode D2PAK
April, 2004 ??Rev. 3
logo
Unisonic Technologies
2N7002Z UTC-2N7002Z Datasheet
169Kb / 4P
   300m Amps, 60 Volts N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002K UTC-2N7002K Datasheet
164Kb / 3P
   300m Amps, 60 Volts N-CHANNEL ENHANCEMENT MODE MOSFET
2N7000Z UTC-2N7000Z Datasheet
156Kb / 3P
   115m Amps, 60 Volts N-CHANNEL ENHANCEMENT MODE MOSFET
logo
ON Semiconductor
NTB5426N ONSEMI-NTB5426N Datasheet
118Kb / 7P
   Power MOSFET 120 Amps, 60 Volts N-Channel D2PAK, TO-220
November, 2008 ??Rev. 0
NTB5411N ONSEMI-NTB5411N Datasheet
148Kb / 7P
   Power MOSFET 80 Amps, 60 Volts N-Channel D2PAK, TO-220
October, 2009 ??Rev. 2
NTB5412N ONSEMI-NTB5412N Datasheet
123Kb / 7P
   Power MOSFET 60 Amps, 60 Volts N-Channel D2PAK, TO-220
November, 2008 ??Rev. 1
NTB75N03R ONSEMI-NTB75N03R Datasheet
73Kb / 8P
   Power MOSFET 75 Amps, 25 Volts N-Channel D2PAK, TO-220
October, 2003 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com