Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP130-22W Datasheet(PDF) 3 Page - Anachip Corp

Part # AP130-22W
Description  300mA Low Dropout (LDO) Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP130-22W Datasheet(HTML) 3 Page - Anachip Corp

  AP130-22W Datasheet HTML 1Page - Anachip Corp AP130-22W Datasheet HTML 2Page - Anachip Corp AP130-22W Datasheet HTML 3Page - Anachip Corp AP130-22W Datasheet HTML 4Page - Anachip Corp AP130-22W Datasheet HTML 5Page - Anachip Corp AP130-22W Datasheet HTML 6Page - Anachip Corp AP130-22W Datasheet HTML 7Page - Anachip Corp AP130-22W Datasheet HTML 8Page - Anachip Corp AP130-22W Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AP130
300mA Low Dropout (LDO) Linear Regulator
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 May 7, 2004
3/9
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Input voltage
-0.1 to +7
V
TOP
Operating junction temperature range
-40 to +125
ºC
TST
Storage temperature range
-65 to +150
ºC
Power dissipation, PD @TA=25ºC
TO-92
+0.6
W
SOT-89
+0.5
W
PD
SOT-23
+0.25
W
Package thermal resistance
TO-92
+100
ºC/W
SOT-89
+100
ºC/W
θJA
SOT-23
+250
ºC/W
Electrical Characteristics
TA=25ºC, CIN=1µF, COUT=10µF, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDROP
Dropout voltage (Note 1)
IL=300mA
--
400
500
mV
ILIMIT
Current Limit (Note 2)
VIN=5V,VOUT=0V
350
450
--
mA
∆VLINE
Line regulation
IL=1mA, VIN=5~7V
--
0.1
0.3
%
PSRR
Ripple Rejection
F=100Hz,
CIN=1μF, CO=10uF,
IL=100mA
--
58
--
dB
∆VLOAD
Load regulation (Note 3)
IL=1~300mA, VIN=5V
--
30
40
mV
Output voltage accuracy
IL=1mA, VIN=5V
-2
--
+2
%
∆VOUT
Output voltage temperature coefficient
(Note 4)
--
50
150
PPM/ºC
ISB
Standby current
IL=0, VIN=5V
--
50
100
μ
A
Note 1. Dropout voltage is defined as the input to output differential voltage. Dropout is measured at constant junction temperature by
using pulsed ON time, and the criterion is VOUT inside target value ±2%. This test is skipped at the condition of VIN<3V.
Note 2. Current limit is measured at constant junction temperature by using pulsed testing with a low ON time.
Note 3. Regulation is measured at constant junction temperature by using pulsed testing with a low ON time.
Note 4. Guaranteed by design.


Similar Part No. - AP130-22W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP130-20PG-13 DIODES-AP130-20PG-13 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130-20PG-7 DIODES-AP130-20PG-7 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130-20PG-U DIODES-AP130-20PG-U Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130-20PL-13 DIODES-AP130-20PL-13 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130-20PL-7 DIODES-AP130-20PL-7 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
More results

Similar Description - AP130-22W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130-15WL-7 DIODES-AP130-15WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130_11 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-25SAG-7 DIODES-AP130-25SAG-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-33WL-7 DIODES-AP130-33WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com