Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA7808A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KA7808A
Description  3-Terminal 1A Positive Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7808A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA7808A Datasheet HTML 1Page - Fairchild Semiconductor KA7808A Datasheet HTML 2Page - Fairchild Semiconductor KA7808A Datasheet HTML 3Page - Fairchild Semiconductor KA7808A Datasheet HTML 4Page - Fairchild Semiconductor KA7808A Datasheet HTML 5Page - Fairchild Semiconductor KA7808A Datasheet HTML 6Page - Fairchild Semiconductor KA7808A Datasheet HTML 7Page - Fairchild Semiconductor KA7808A Datasheet HTML 8Page - Fairchild Semiconductor KA7808A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
©2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0
Features
• Output Current up to 1A
• Output Voltages of 5, 6, 8, 9, 10, 12, 15, 18, 24V
• Thermal Overload Protection
• Short Circuit Protection
• Output Transistor Safe Operating Area Protection
Description
The KA78XX/KA78XXA series of three-terminal positive
regulator are available in the TO-220/D-PAK package and
with several fixed output voltages, making them useful in a
wide range of applications. Each type employs internal
current limiting, thermal shut down and safe operating area
protection, making it essentially indestructible. If adequate
heat sinking is provided, they can deliver over 1A output
current. Although designed primarily as fixed voltage
regulators, these devices can be used with external
components to obtain adjustable voltages and currents.
TO-220
D-PAK
1. Input 2. GND 3. Output
1
1
Internal Block Digram
KA78XX/KA78XXA
3-Terminal 1A Positive Voltage Regulator


Similar Part No. - KA7808A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7808A FAIRCHILD-KA7808A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
TAITRON Components Inco...
KA7808A TAITRON-KA7808A Datasheet
75Kb / 1P
   Voltage Regulators
logo
Fairchild Semiconductor
KA7808AE FAIRCHILD-KA7808AE Datasheet
254Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
KA7808AE FAIRCHILD-KA7808AE Datasheet
568Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
KA7808AE FAIRCHILD-KA7808AE Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
More results

Similar Description - KA7808A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com