Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF542 Datasheet(PDF) 6 Page - Analog Devices

Part # ADSP-BF542
Description  Embedded Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF542 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADSP-BF542 Datasheet HTML 2Page - Analog Devices ADSP-BF542 Datasheet HTML 3Page - Analog Devices ADSP-BF542 Datasheet HTML 4Page - Analog Devices ADSP-BF542 Datasheet HTML 5Page - Analog Devices ADSP-BF542 Datasheet HTML 6Page - Analog Devices ADSP-BF542 Datasheet HTML 7Page - Analog Devices ADSP-BF542 Datasheet HTML 8Page - Analog Devices ADSP-BF542 Datasheet HTML 9Page - Analog Devices ADSP-BF542 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
Rev. PrG
|
Page 6 of 82
|
December 2007
ADSP-BF542/4/7/8/9
Preliminary Technical Data
arranged in a hierarchical structure to provide a good cost/per-
formance balance of some very fast, low-latency on-chip
memory as cache or SRAM, and larger, lower-cost and perfor-
mance off-chip memory systems. See Figure 3 on Page 6.
The on-chip L1 memory system is the highest-performance
memory available to the Blackfin processor. The off-chip mem-
ory system, accessed through the external bus interface unit
(EBIU), provides expansion with flash memory, SRAM, and
double-rate SDRAM (DDR1), optionally accessing up to
516M bytes of physical memory.
Most of the ADSP-BF542/4/7/8/9 processors also include an L2
SRAM memory array which provides up to 128K bytes of high
speed SRAM operating at one half the frequency of the core, and
slightly longer latency than the L1 memory banks (For informa-
tion on L2 memory in each processor, see Table 1.) The L2
memory is a unified instruction and data memory and can hold
any mixture of code and data required by the system design.
The Blackfin cores share a dedicated low latency 64-bit wide
data path port into the L2 SRAM memory.
The memory DMA controllers (DMAC1 and DMAC0) pro-
vides high-bandwidth data-movement capability. They can
perform block transfers of code or data between the internal
memory and the external memory spaces.
Internal (On-Chip) Memory
The ADSP-BF542/4/7/8/9 processor has several blocks of on-
chip memory providing high-bandwidth access to the core.
The first block is the L1 instruction memory, consisting of
48K bytes SRAM, and also 16K bytes that can be configured as a
four-way set-associative cache or SRAM. This memory is
accessed at full processor speed.
The second on-chip memory block is the L1 data memory, con-
sisting of 64K bytes SRAM, of which 32K bytes can be
configured as a two-way set associative cache. This memory
block is accessed at full processor speed.
Figure 3. ADSP-BF547BF548/BF549 Internal/External Memory Map1
1 This memory map applies to all ADSP-BF542/4/7/8/9 processors, except for L2
memory population. ADSP-BF544 includes 64K Byte of L2 memory: 0xFEB0
0000 - 0xFEB0 FFFF. ADSP-BF542 includes no L2 memory. See also Table 1.
RESERVED
CORE MMR REGISTERS (2M BYTE)
RESERVED
SCRATCHPAD SRAM (4K BYTE)
INSTRUCTION BANK B SRA M (16K BYTE)
SYSTEM MMR REGISTERS (2M BYTE)
RESERVED
RESERVED
DATA BANK B SRAM / CACHE (16K BYTE)
DATA BANK B SRAM (16 K BYTE)
DATA BANK A SRAM / CACHE (16K BYTE)
ASYNC MEMORY BANK 3 (64M BYTE)
ASYNC MEMORY BANK 2 (64M BYTE)
ASYNC MEMORY BANK 1 (64M BYTE)
ASYNC MEMORY BANK 0 (64M BYTE)
DDR1 MEM BANK 0 (8M BYTE 256M BYTE)
INSTRUCTION SRAM / CACHE (16K BYTE)
0 xFFFF FFFF
0x FEB0 0000
0 xFFB0 0000
0 xFFA2 4000
0 xFFA1 0000
0 xFF90 8000
0 xFF90 4000
0 xFF80 8000
0 xFF80 4000
0x 3000 0000
0x 2C00 0000
0x 2800 0000
0x 2400 0000
0x 2000 0000
0x EF00 0000
0x 0000 0000
0 xFFC0 0000
0 xFFB0 1000
0 xFFA0 0000
DATA BANK A SRAM (16 K BYTE)
0 xFF90 0000
0 xFF80 0000
RESERVED
RESERVED
0 xFFA0 C000
0 xFFA0 8000
INSTRUCTION BANK A SRA M (32K BYTE)
RESERVED
B OOT ROM (4K BYTE)
0x EF00 1000
0xFFE0 0000
0x FEB2 0000
0 xFFA1 4000
L1 ROM (64K BYTE)
L2 SRAM (128K BYTE)
DDR1 MEM BANK 1 (8M BYTE 256M BYTE)
RESERVED
TOP OF LAST
DDR PAGE
RESERVED


Similar Part No. - ADSP-BF542

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
ADSP-BF542 AD-ADSP-BF542 Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-BF542BBCZ-4A AD-ADSP-BF542BBCZ-4A Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-BF542BBCZ-5A AD-ADSP-BF542BBCZ-5A Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-BF542KBCZ-6A AD-ADSP-BF542KBCZ-6A Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
More results

Similar Description - ADSP-BF542

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
ADSP-BF542 AD-ADSP-BF542_1 Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-21266 AD-ADSP-21266_07 Datasheet
894Kb / 44P
   Embedded Processor
REV. C
ADSP-BF522C AD-ADSP-BF522C Datasheet
829Kb / 12P
   Embedded Processor
Rev. PrB
ADSP-TS101S AD-ADSP-TS101S Datasheet
827Kb / 44P
   Embedded Processor
REV. A
ADSP-21262 AD-ADSP-21262_05 Datasheet
1Mb / 48P
   Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-2101BS-100 AD-ADSP-2101BS-100 Datasheet
667Kb / 48P
   TigerSHARC Embedded Processor
REV. B
logo
List of Unclassifed Man...
PICASO ETC2-PICASO Datasheet
8Mb / 24P
   Embedded Graphics Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com