Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3488EARZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADM3488EARZ
Description  3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3488EARZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM3488EARZ Datasheet HTML 2Page - Analog Devices ADM3488EARZ Datasheet HTML 3Page - Analog Devices ADM3488EARZ Datasheet HTML 4Page - Analog Devices ADM3488EARZ Datasheet HTML 5Page - Analog Devices ADM3488EARZ Datasheet HTML 6Page - Analog Devices ADM3488EARZ Datasheet HTML 7Page - Analog Devices ADM3488EARZ Datasheet HTML 8Page - Analog Devices ADM3488EARZ Datasheet HTML 9Page - Analog Devices ADM3488EARZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADM3483E/ADM3486E/ADM3488E/ADM3490E/ADM3491E
Rev. A | Page 6 of 20
VCC = 3.3 V, TA = 25°C.
Table 5. ADM3490E/ADM3491E
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
MAXIMUM DATA RATE
12
15
Mbps
DIFFERENTIAL OUTPUT DELAY
tDD
1
22
35
ns
RL = 60 Ω (see Figure 10)
DIFFERENTIAL OUTPUT TRANSITION TIME
tTD
3
11
25
ns
RL = 60 Ω (see Figure 10)
PROPAGATION DELAY
From Low to High Level
tPLH
7
23
35
ns
RL = 27 Ω (see Figure 11)
From High to Low Level
tPHL
7
23
35
ns
RL = 27 Ω (see Figure 11)
|tPLH − tPHL| PROPAGATION DELAY SKEW1
tPDS
−1.4
±8
ns
RL = 27 Ω (see Figure 11)
ENABLE/DISABLE TIMING (ADM3491E ONLY)
Enable Time to Low Level
tPZL
42
90
ns
RL = 110 Ω (see Figure 13)
Enable Time to High Level
tPZH
42
90
ns
RL = 110 Ω (see Figure 12)
Disable Time from Low Level
tPLZ
35
80
ns
RL = 110 Ω (see Figure 13)
Disable Time from High Level
tPHZ
35
80
ns
RL = 110 Ω (see Figure 12)
Enable Time from Shutdown to Low Level
tPSL
650
900
ns
RL = 110 Ω (see Figure 13)
Enable Time from Shutdown to High Level
tPSH
650
900
ns
RL = 110 Ω (see Figure 12)
1 Measured on |tPLH (Y) − tPHL (Y)| and |tPLH (Z) − tPHL (Z)|.
RECEIVER TIMING SPECIFICATIONS
VCC = 3.3 V, TA = 25°C.
Table 6. ADM3483E/ADM3486E/ADM3488E/ADM3490E/ADM3491E
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
PROPAGATION DELAY
From Low to High Level
tRPLH
ADM3486E/ADM3490E/ADM3491E
25
62
90
ns
VID = 0 V to 3.0 V, CL = 15 pF (see Figure 14)
ADM3483E/ADM3488E
25
75
120
ns
VID = 0 V to 3.0 V, CL = 15 pF (see Figure 14)
From High to Low Level
tRPHL
ADM3486E/ADM3490E/ADM3491E
25
62
90
ns
VID = 0 V to 3.0 V, CL = 15 pF (see Figure 14)
ADM3483E/ADM3488E
25
75
120
ns
VID = 0 V to 3.0 V, CL = 15 pF (see Figure 14)
|tRPLH − tRPHL| PROPAGATION DELAY SKEW
tRPDS
ADM3486E/ADM3490E/ADM3491E
+6
±10
ns
VID = 0 V to 3.0 V, CL = 15 pF (see Figure 14)
ADM3483E/ADM3488E
+12
±20
ns
VID = 0 V to 3.0 V, CL = 15 pF (see Figure 14)
ENABLE/DISABLE TIMING (ADM3483E/ADM3486E/
ADM3491E ONLY)
Enable Time to Low Level
tRPZL
25
50
ns
CL = 15 pF (see Figure 15)
Enable Time to High Level
tRPZH
25
50
ns
CL = 15 pF (see Figure 15)
Disable Time from Low Level
tRPLZ
25
45
ns
CL = 15 pF (see Figure 15)
Disable Time from High Level
tRPHZ
25
45
ns
CL = 15 pF (see Figure 15)
Enable Time from Shutdown to Low Level
tRPSL
720
1400
ns
CL = 15 pF (see Figure 15)
Enable Time from Shutdown to High Level
tRPSH
720
1400
ns
CL = 15 pF (see Figure 15)
Time to Shutdown1
tSHDN
80
190
300
ns
1 The transceivers are put into shutdown mode by bringing the RE high and the DE low. If the inputs are in this state for less than 80 ns, the parts are guaranteed not to
enter shutdown. If the parts are in this state for 300 ns or more, the parts are guaranteed to enter shutdown.


Similar Part No. - ADM3488EARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3488E AD-ADM3488E_15 Datasheet
650Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
REV. A
More results

Similar Description - ADM3488EARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3077E AD-ADM3077E Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3070E AD-ADM3070E Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM485E AD-ADM485E Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM3483 AD-ADM3483_11 Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3491ARUZ AD-ADM3491ARUZ Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483 AD-ADM3483_V01 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3485E AD-ADM3485E_10 Datasheet
303Kb / 16P
   짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com