Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP130-27R Datasheet(PDF) 5 Page - Anachip Corp

Part # AP130-27R
Description  300mA Low Dropout (LDO) Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP130-27R Datasheet(HTML) 5 Page - Anachip Corp

  AP130-27R Datasheet HTML 1Page - Anachip Corp AP130-27R Datasheet HTML 2Page - Anachip Corp AP130-27R Datasheet HTML 3Page - Anachip Corp AP130-27R Datasheet HTML 4Page - Anachip Corp AP130-27R Datasheet HTML 5Page - Anachip Corp AP130-27R Datasheet HTML 6Page - Anachip Corp AP130-27R Datasheet HTML 7Page - Anachip Corp AP130-27R Datasheet HTML 8Page - Anachip Corp AP130-27R Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AP130
300mA Low Dropout (LDO) Linear Regulator
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 May 7, 2004
5/9
Typical Application Circuit
IN
OUT
GND
IN
C
V
IN
OUT
C
OUT
V
AP130
Function Description
A minimum of 10µF capacitor must be connected from OUT to ground to insure stability. Typically a large
storage capacitor is connected from VIN to ground to ensure that the input voltage does not sag below the
minimum dropout voltage during the load transient response. This pin must always be 0.7V higher than VOUT
in order for the device to regulate properly.
Marking Information
1
2
Year:0~9
Month: A~L
Identification code
(See appendix)
3
XX Y M X
(Top View)
SOT23
1
3
Year: 0~9
Month: A~L
Identification code
(See appendix)
2
X X
Y M X
(Top View)
SOT89
Year: "1"=2001
"2"=2002
Xth Week: 01~52
AP130
Internal code: Blank or A~Z
Part Number
Output voltage
15: 1.5V
50: 5.0V
XX
Y WW X X
(Top View)
TO92
12
3
Blank: normal
L: Lead Free Package
Blank: normal
L: Lead Free Package
Blank: normal
L: Lead Free Package


Similar Part No. - AP130-27R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP130-20PG-13 DIODES-AP130-20PG-13 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130-20PG-7 DIODES-AP130-20PG-7 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130-20PG-U DIODES-AP130-20PG-U Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130-20PL-13 DIODES-AP130-20PL-13 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130-20PL-7 DIODES-AP130-20PL-7 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
More results

Similar Description - AP130-27R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130-15WL-7 DIODES-AP130-15WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130_11 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-25SAG-7 DIODES-AP130-25SAG-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-33WL-7 DIODES-AP130-33WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com