Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM70PDL127CDH85I Datasheet(PDF) 11 Page - SPANSION

Part # AM70PDL127CDH85I
Description  Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM70PDL127CDH85I Datasheet(HTML) 11 Page - SPANSION

Back Button AM70PDL127CDH85I Datasheet HTML 7Page - SPANSION AM70PDL127CDH85I Datasheet HTML 8Page - SPANSION AM70PDL127CDH85I Datasheet HTML 9Page - SPANSION AM70PDL127CDH85I Datasheet HTML 10Page - SPANSION AM70PDL127CDH85I Datasheet HTML 11Page - SPANSION AM70PDL127CDH85I Datasheet HTML 12Page - SPANSION AM70PDL127CDH85I Datasheet HTML 13Page - SPANSION AM70PDL127CDH85I Datasheet HTML 14Page - SPANSION AM70PDL127CDH85I Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 127 page
background image
November 24, 2003
Am70PDL127CDH/Am70PDL129CDH
9
ADV ANCE
I N FO RMAT I O N
PRODUCT SELECTOR GUIDE
MCP BLOCK DIAGRAM
Part Number
Am70PDL127CDH/Am70PDL129CDH
Speed
Option
Standard Voltage Range:
VCC = 2.7–3.1 V
Flash Memory (XIP)
Pseudo SRAM
Flash Memory
(Data Storage)
66
85
66
85
66
85
Max Access Time, ns
65
85
70
70
110
110
Page Access Time, ns
25
30
N/A
N/A
30
30
CE#f1 Access, ns
65
85
70
70
110
110
OE# Access, ns
25
30
35
35
30
30
VSS
VCCps
RESET#
WE#
OE#
CE1#ps
LB#s
UB#s
WP#/ACC
CE2ps
64 MBit
Pseudo
SRAM
128 MBit
Flash Memory
(XIP)
Am29PDL127H/
Am29PDL129H
DQ15 to DQ0
DQ15 to DQ0
A21 to A0
(A22) A21 to A0
CE#f1
RY/BY#
A21 to A0
(A22 PDL127 only)
DQ15 to DQ0
CE#f2
(PDL129 only)
VSS
VCCf
RESET#ds
WP#/ACCds
CE#1ds
64 MBit
Flash Memory
(Data Storage)
Am29LV640MH
64 MBit
Flash Memory
(Data Storage)
Am29LV640MH
CE#2ds
VSS
VCCQds
VSS
VCCQds
RY/BY#ds
RY/BY#ds
DQ15 to DQ0
DQ15 to DQ0
A21 to A0
A21 to A0


Similar Part No. - AM70PDL127CDH85I

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM70PDL127CDH85IS AMD-AM70PDL127CDH85IS Datasheet
1Mb / 127P
   2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS
AM70PDL127CDH85IT AMD-AM70PDL127CDH85IT Datasheet
1Mb / 127P
   2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS
More results

Similar Description - AM70PDL127CDH85I

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM70PDLI27BDH SPANSION-AM70PDLI27BDH Datasheet
2Mb / 128P
   Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com