Electronic Components Datasheet Search |
|
L101111TS10B2 Datasheet(PDF) 1 Page - ITT Industries |
|
L101111TS10B2 Datasheet(HTML) 1 Page - ITT Industries |
1 / 6 page J–18 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com J C&K L Series Miniature Slide Switches Features/Benefits • Positive detent • Enclosed housing • Maintained and momentary functions • PC and panel mounting • RoHS compliant Typical Applications • Communications equipment • Lighting devices Specifications CONTACT RATING: Q contact material (LX0X, LX1X Models): 4 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC; 0.5 AMP @ 125 V DC (UL/CSA). See page I-23 for additional ratings. ELECTRICAL LIFE: 10,000 make-and-break cycles at full load. CONTACT RESISTANCE: Below 10 m Ω typ. initial @ 2-4 V DC, 100 mA, for both silver and gold plated contacts. INSULATION RESISTANCE: 109 Ω min. DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level. OPERATING TEMPERATURE: -30ºC to +65ºC STORAGE TEMPERATURE: -30ºC to +85ºC NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. Build-A-Switch To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages J-19 through J-23. For additional options not shown in catalog, consult Customer Service Center. Models Available Materials HOUSING: 6/6 nylon (UL94V-2), black. ACTUATOR: 6/6 nylon (UL94V-2), black. ‘13’ actuator, natural (standard). CONTACTS: Q contact material: Copper, silver plated. See page J-22 for additional contact materials. TERMINALS: Q contact material: Copper, silver plated. See page J-22 for additional contact materials. CONTACT SPRING: Music wire or stainless steel. TERMINAL SEAL: Epoxy. NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. Switch Function L202 DPDT L203 DP3T L101 SPST L102 SPDT L103 SP3T L104 SP4T L112 SPDT, mom. L113 SP3T, mom. to one end L123 SP3T, mom. to both ends L201 DPST L204 DP4T L212 DPDT, mom. Mounting Style MS PC Thru-hole MA Right angle, PC thru-hole ML Right angle, PC thru-hole MV Right angle, PC thru-hole SS Panel with mounting ears TS Panel with integral mounting ears Detent 1 With detent 2 Without detent Actuator 01 .200" high 02 .335" high 03 .375" high 05 .312" high 11 .100" high 12 Screwdriver slot 13 Plunger without cap 14 Plunger with .200" dia. cap 15 Plunger with .310" dia. cap 17 Plunger with .458" dia. cap 19 Plunger with .590" dia. cap Contact Material Q Silver B Gold G Gold over silver Seal NONE No seal E Epoxy seal Cap Color 2 Black NONE No cap Terminations 02 PC Thru-hole 01 Solder lug with notch 03 Solder lug with hole 04 PC Thru-hole 10 PC Thru-hole 06 Wire wrap 12 PC Thru-hole |
Similar Part No. - L101111TS10B2 |
|
Similar Description - L101111TS10B2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |