Electronic Components Datasheet Search |
|
K12GOBK1.55N1R Datasheet(PDF) 6 Page - ITT Industries |
|
K12GOBK1.55N1R Datasheet(HTML) 6 Page - ITT Industries |
6 / 6 page www.ittcannon.com E–15 Dimensions are shown: mm (inch) Specifications and dimensions subject to change E OPTION CODE OPERATING FORCE 1.5N OD 1.5 N,150g without snap-point 2.5N 2.5 N, 250g 3.5N 3.5 N, 350g 5N 5 N, 500g 3.5/7N 3.5/7 N, 350/700g 6/12N 6/12 N, 600-1200g OPTION CODE COLOR NONE Version with LED BK Black K12 High Performance Key Switches STANDARD LED CODE COLOR NONE Models without LED L306 Green L327 Yellow L315 Orange L352 Red L302 White L328 Blue 1 1 mm 1.5 1.5 mm 2 2 mm CAP COLOR TRAVEL OPTION CODE COLOR NONE Models without LED GN Green YE Yellow OG Orange RD Red WH White BU Blue LED COLOR OPERATING FORCE |
Similar Part No. - K12GOBK1.55N1R |
|
Similar Description - K12GOBK1.55N1R |