Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDS-9711 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HEDS-9711
Description  200 lpi Analog Output Small Optical Encoder Modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-9711 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  HEDS-9711 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS-9711 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-9711 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-9711 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-9711 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-9711 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-9711 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-9711 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package Dimensions
Option 50
Package Dimensions
Option 51
AGILENT
8.7
6.4
0.14
(OPTICAL CENTER)
2x
∅ 2.00 ± 0.02
1.4
5.0
3.9
R 1.4
10.1
7.5
4.2
3.90 ± 0.10
0.8
1.70 ± 0.15
4.2
3.0
9.8
1.8
3.8
0.5
20.2 ± 0.5
15.0
8.4
PART #
(REFER -05)
C = COUNTRY
OF ORIGIN
MARKING
(REFER -05
FOR DETAILS)
DATE CODE
12.6 ± 0.5
7.0
OPTION CODE
PIN 1 ID
LEAD THICKNESS = 0.25 mm
LEAD PITCH = 2.54 mm
10.8 ± 0.5
5.5 ± 0.3
R 2.6
AGILENT
8.7
6.4
0.14
(OPTICAL CENTER)
2x
∅ 2.00 ± 0.02
4.34 ± 0.20
3.9
10.1
7.5
4.2
3.90 ± 0.10
0.8
1.70 ± 0.15
4.2
3.0
9.8
1.8
3.8
0.5
20.2 ± 0.5
15.0
8.4
PART #
(REFER -05)
DATE CODE
12.6 ± 0.5
7.0
OPTION CODE
PIN 1 ID
LEAD THICKNESS = 0.25 mm
LEAD PITCH = 2.54 mm
10.8 ± 0.5
5.5 ± 0.3
∅ 2.8
C = COUNTRY
OF ORIGIN
MARKING
(REFER -05
FOR DETAILS)


Similar Part No. - HEDS-9711

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9711 AVAGO-HEDS-9711 Datasheet
271Kb / 8P
   Small Optical Encoder Modules 360 Ipi Analog Current Output
More results

Similar Description - HEDS-9711

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-97EX AVAGO-HEDS-97EX Datasheet
209Kb / 10P
   Small Optical Encoder Modules 200 LPI Analog Voltage Output
HEDS-9202 AVAGO-HEDS-9202 Datasheet
710Kb / 7P
   Two Channel Optical Incremental Encoder Modules 200 LPI Analog Output
logo
Agilent(Hewlett-Packard...
AEDS-962 HP-AEDS-962 Datasheet
226Kb / 10P
   300 LPI Ultra Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-965X AVAGO-AEDS-965X Datasheet
157Kb / 8P
   Small Optical Encoder Modules 150 and 180 LPI Digital Output
logo
Agilent(Hewlett-Packard...
HEDS-974X HP-HEDS-974X Datasheet
208Kb / 6P
   180, 300, 360 LPI Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9640-210 AVAGO-AEDS-9640-210 Datasheet
137Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
AEDS-964X AVAGO-AEDS-964X Datasheet
172Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
HEDS-974X AVAGO-HEDS-974X Datasheet
363Kb / 6P
   For 180, 300, 360 LPI Small Optical Encoder Modules
HEDS-9710 AVAGO-HEDS-9710 Datasheet
271Kb / 8P
   Small Optical Encoder Modules 360 Ipi Analog Current Output
HEDS-970X AVAGO-HEDS-970X Datasheet
279Kb / 10P
   Digital Output Small Optical Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com