Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY57V56820CT Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HY57V56820CT
Description  4 Banks x 8M x 8Bit Synchronous DRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V56820CT Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HY57V56820CT Datasheet HTML 4Page - Hynix Semiconductor HY57V56820CT Datasheet HTML 5Page - Hynix Semiconductor HY57V56820CT Datasheet HTML 6Page - Hynix Semiconductor HY57V56820CT Datasheet HTML 7Page - Hynix Semiconductor HY57V56820CT Datasheet HTML 8Page - Hynix Semiconductor HY57V56820CT Datasheet HTML 9Page - Hynix Semiconductor HY57V56820CT Datasheet HTML 10Page - Hynix Semiconductor HY57V56820CT Datasheet HTML 11Page - Hynix Semiconductor HY57V56820CT Datasheet HTML 12Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HY57V56820C(L)T
Rev. 0.4 / July 2003
8
AC CHARACTERISTICS II
Note :
1. A new command can be given tRRC after self refresh exit
Parameter
Symbol
-6
-K
-H
-8
-P
-S
Unit
Note
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
RAS Cycle Time
Operation
tRC
60
-
60
-
65
-
68
-
70
-
70
-
ns
Auto Refresh
tRRC
60-
60
-
65-
68
-
70-
70
-
ns
RAS to CAS Delay
tRCD
18
-
15
-
20
-
20
-
20
-
20
-
ns
RAS Active Time
tRAS
42
100K
45
100K
45
100K
48
100K
50
100K
50
100K
ns
RAS Precharge Time
tRP
18
-
15
-
20
-
20
-
20
-
20
-
ns
RAS to RAS Bank Active Delay
tRRD
12-
15
-
15-
16
-
20-
20
-
ns
CAS to CAS Delay
tCCD
1
-
1
-
1
-
1
-
1
-
1
-
CLK
Write Command to Data-In Delay
tWTL
0
-
0
-
0
-
0
-
0
-
0
-
CLK
Write Recovery Time
tWR
2
-
2
-2-
2
-2-2
-
CLK
Data-In to Active Command
tDAL
5-
5-5-
5-5-5
-
CLK
DQM to Data-Out Hi-Z
tDQZ
2
-
2
-
2
-
2
-
2
-
2
-
CLK
DQM to Data-In Mask
tDQM
0-
0-0-
0-0-0
-
CLK
MRS to New Command
tMRD
2-
2-2-
2-2-2
-
CLK
Precharge to Data
Output Hi-Z
CAS Latency = 3
tPROZ3
3
-
3
-3-
3
-3-3
-
CLK
CAS Latency = 2
tPROZ2
2
-
2
-2-
2
-2-2
-
CLK
Power Down Exit Time
tPDE
1
-
1
-
1
-
1
-
1
-
1
-
CLK
Self Refresh Exit Time
tSRE
1-
1-1-
1-1-1
-
CLK
1
Refresh Time
tREF
-
64
-
64
-
64
-
64
-
64
-
64
ms


Similar Part No. - HY57V56820CT

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V56820B HYNIX-HY57V56820B Datasheet
151Kb / 12P
   4 Banks x 8M x 8Bit Synchronous DRAM
HY57V56820BL HYNIX-HY57V56820BL Datasheet
151Kb / 12P
   4 Banks x 8M x 8Bit Synchronous DRAM
HY57V56820BLT-6 HYNIX-HY57V56820BLT-6 Datasheet
151Kb / 12P
   4 Banks x 8M x 8Bit Synchronous DRAM
HY57V56820BLT-8 HYNIX-HY57V56820BLT-8 Datasheet
151Kb / 12P
   4 Banks x 8M x 8Bit Synchronous DRAM
HY57V56820BLT-H HYNIX-HY57V56820BLT-H Datasheet
151Kb / 12P
   4 Banks x 8M x 8Bit Synchronous DRAM
More results

Similar Description - HY57V56820CT

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V56820B HYNIX-HY57V56820B Datasheet
151Kb / 12P
   4 Banks x 8M x 8Bit Synchronous DRAM
logo
Samsung semiconductor
K4S560832A SAMSUNG-K4S560832A Datasheet
126Kb / 10P
   256Mbit SDRAM 8M x 8bit x 4 Banks Synchronous DRAM LVTTL
K4S560832C SAMSUNG-K4S560832C Datasheet
113Kb / 11P
   256Mbit SDRAM 8M x 8bit x 4 Banks Synchronous DRAM LVTTL
K4S560832B SAMSUNG-K4S560832B Datasheet
131Kb / 11P
   256Mbit SDRAM 8M x 8bit x 4 Banks Synchronous DRAM LVTTL
K4S560832D SAMSUNG-K4S560832D Datasheet
118Kb / 11P
   256Mbit SDRAM 8M x 8bit x 4 Banks Synchronous DRAM LVTTL
logo
Hynix Semiconductor
HY57V64820HG HYNIX-HY57V64820HG Datasheet
134Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
HY57V658020B HYNIX-HY57V658020B Datasheet
146Kb / 12P
   4 Banks x 2M x 8Bit Synchronous DRAM
HY57V64820HGTP HYNIX-HY57V64820HGTP Datasheet
85Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
logo
Samsung semiconductor
KM48S8030C SAMSUNG-KM48S8030C Datasheet
82Kb / 8P
   2M x 8Bit x 4 Banks Synchronous DRAM
KM48S16030 SAMSUNG-KM48S16030 Datasheet
116Kb / 10P
   4M x 8Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com