Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL040A0LMAI001 Datasheet(PDF) 8 Page - SPANSION

Part # S25FL040A0LMAI001
Description  4 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus and Small Sector for Boot and Parameter Storage
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL040A0LMAI001 Datasheet(HTML) 8 Page - SPANSION

Back Button S25FL040A0LMAI001 Datasheet HTML 4Page - SPANSION S25FL040A0LMAI001 Datasheet HTML 5Page - SPANSION S25FL040A0LMAI001 Datasheet HTML 6Page - SPANSION S25FL040A0LMAI001 Datasheet HTML 7Page - SPANSION S25FL040A0LMAI001 Datasheet HTML 8Page - SPANSION S25FL040A0LMAI001 Datasheet HTML 9Page - SPANSION S25FL040A0LMAI001 Datasheet HTML 10Page - SPANSION S25FL040A0LMAI001 Datasheet HTML 11Page - SPANSION S25FL040A0LMAI001 Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
6
S25FL040A
S25FL040A_00_B0 August 31, 2006
Data
Sheet
(Pre limin ar y)
2.
Connection Diagrams
Figure 2.1 8-pin Plastic Small Outline Package (SO 150 mil, SO 208 mil)
Figure 2.2 8L USON (5 x 6 mm) Package
1
2
3
4
CS#
SO
W#
GND
SI
SCK
HOLD#
VCC
5
6
7
8
1
2
3
4
5
6
7
8
CS#
VCC
SO
HOLD#
SCK
SI
GND
W#


Similar Part No. - S25FL040A0LMAI001

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL001D0FMAI001 SPANSION-S25FL001D0FMAI001 Datasheet
892Kb / 38P
   2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
S25FL001D0FMAI003 SPANSION-S25FL001D0FMAI003 Datasheet
892Kb / 38P
   2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
S25FL001D0FMAI011 SPANSION-S25FL001D0FMAI011 Datasheet
892Kb / 38P
   2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
S25FL001D0FMAI013 SPANSION-S25FL001D0FMAI013 Datasheet
892Kb / 38P
   2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
S25FL001D0FMFI001 SPANSION-S25FL001D0FMFI001 Datasheet
892Kb / 38P
   2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
More results

Similar Description - S25FL040A0LMAI001

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL064A SPANSION-S25FL064A Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A Datasheet
997Kb / 34P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL128P SPANSION-S25FL128P Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A_08 Datasheet
1Mb / 36P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI (Serial Peripheral Interface) Bus
S25FL008A SPANSION-S25FL008A Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
S25FL128P SPANSION-S25FL128P_12 Datasheet
1Mb / 49P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL004A SPANSION-S25FL004A Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004D SPANSION-S25FL004D Datasheet
724Kb / 36P
   4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
logo
Eon Silicon Solution In...
EN25B64 EON-EN25B64 Datasheet
420Kb / 37P
   64 Megabit Serial Flash Memory with Boot and Parameter Sectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com