Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOU5015 Datasheet(PDF) 3 Page - LUXPIA

Part # LOU5015
Description  Ultra Brightness LED Lamp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LOU5015 Datasheet(HTML) 3 Page - LUXPIA

  LOU5015 Datasheet HTML 1Page - LUXPIA LOU5015 Datasheet HTML 2Page - LUXPIA LOU5015 Datasheet HTML 3Page - LUXPIA LOU5015 Datasheet HTML 4Page - LUXPIA LOU5015 Datasheet HTML 5Page - LUXPIA LOU5015 Datasheet HTML 6Page - LUXPIA  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
LOU5015
Ultra Brightness LED Lamp
Different and Better
■ Luminous intensity ranks
(Ta=25℃)
Iv RANK
Test Condition
Min.
Typ.
Max.
Unit
Q
1700
-
2400
R
2400
-
3400
S
3400
-
4800
T
IF= 20mA
4800
-
6700
mcd
* Luminous intensity is tested at a current pulse duration of 25 ms and an accuracy of ±11%.
* Intensity Measured : 0.01sr(CIE. LED_B)
■ Precautions On LED using
* To avoid optical difference, Please do not mix differently-ranked product.


Similar Part No. - LOU5015

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LOU5000 LUXPIA-LOU5000 Datasheet
201Kb / 6P
   Ultra Brightness LED Lamp
LOU5020 LUXPIA-LOU5020 Datasheet
142Kb / 7P
   Ultra Brightness LED Lamp
LOU5090 LUXPIA-LOU5090 Datasheet
199Kb / 6P
   Ultra Brightness LED Lamp
More results

Similar Description - LOU5015

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LOU5020 LUXPIA-LOU5020 Datasheet
142Kb / 7P
   Ultra Brightness LED Lamp
logo
AUK corp
SR5323-U AUK-SR5323-U Datasheet
277Kb / 3P
   Ultra Brightness LED Lamp
logo
LUXPIA
LGH5090 LUXPIA-LGH5090 Datasheet
134Kb / 6P
   Ultra Brightness LED Lamp
logo
Bright View Electronic ...
BVU-3P0QT4 BVLED-BVU-3P0QT4 Datasheet
240Kb / 4P
   ULTRA BRIGHTNESS LED LAMP
BVU-5M5WI4 BVLED-BVU-5M5WI4 Datasheet
193Kb / 5P
   ULTRA BRIGHTNESS LED LAMP
BVU-3X16WI4 BVLED-BVU-3X16WI4 Datasheet
194Kb / 5P
   ULTRA BRIGHTNESS LED LAMP
BVU-5E1BA4 BVLED-BVU-5E1BA4 Datasheet
326Kb / 5P
   ULTRA BRIGHTNESS LED LAMP
BVU-5E1GN4 BVLED-BVU-5E1GN4 Datasheet
251Kb / 5P
   ULTRA BRIGHTNESS LED LAMP
BVU-5K5QT4 BVLED-BVU-5K5QT4 Datasheet
240Kb / 4P
   ULTRA BRIGHTNESS LED LAMP
BVU-3P0TT4 BVLED-BVU-3P0TT4 Datasheet
239Kb / 4P
   ULTRA BRIGHTNESS LED LAMP
BVU-3R2TT4 BVLED-BVU-3R2TT4 Datasheet
251Kb / 3P
   ULTRA BRIGHTNESS LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com