Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2759B-AFLG3 Datasheet(PDF) 6 Page - TEMIC Semiconductors

Part # U2759B-AFLG3
Description  IF Signal Processing for DAB
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U2759B-AFLG3 Datasheet(HTML) 6 Page - TEMIC Semiconductors

  U2759B-AFLG3 Datasheet HTML 1Page - TEMIC Semiconductors U2759B-AFLG3 Datasheet HTML 2Page - TEMIC Semiconductors U2759B-AFLG3 Datasheet HTML 3Page - TEMIC Semiconductors U2759B-AFLG3 Datasheet HTML 4Page - TEMIC Semiconductors U2759B-AFLG3 Datasheet HTML 5Page - TEMIC Semiconductors U2759B-AFLG3 Datasheet HTML 6Page - TEMIC Semiconductors U2759B-AFLG3 Datasheet HTML 7Page - TEMIC Semiconductors U2759B-AFLG3 Datasheet HTML 8Page - TEMIC Semiconductors U2759B-AFLG3 Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
U2759B
TELEFUNKEN Semiconductors
Rev. A1, 06-Sep-96
Preliminary Information
6 (9)
Absolute Maximum Ratings
Reference point Pin 4, unless otherwise specified
Parameters
Symbol
Value
Unit
Supply voltage
VS
10
V
Supply current
Pin 14
IS
55
mA
Output current
Pin 6
IOUT
5.0
mA
Max. power dissipation
P
550
mW
Junction temperature
Tj
+125
°C
Ambient temperature range
Tamb
–40 to +85
°C
Storage temperature range
Tstg
–40 to +125
°C
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
DIP16
RthJA
60
K/W
Junction ambient
SO24
RthJA
60
K/W
Electrical Characteristics
Tamb = 25°C, VS = 8 V, reference point Pin 4, unless otherwise specified
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
DC-supply
Pin 14
Supply voltage
VS
6.8
8.0
10.0
V
Supply current
IS
45
55
mA
IF-amplifier
Pin 1 to 16
Input sensitivity
2 Vpp at Pin 6
Vin
80
120
mVrms
Input impedance
Rin
1.2
k
W
Input capacitance
Cin
2
pF
IF-AGC
Pin 5
IF gain control range
GV
60
66
dB
AGC capacitor
C5
4.7
mF
Preamp-AGC
Pin 3
Available -AGC current
I3
4
mA
IF2 output
Pin 6
IF2-Signal bandwidth
(–3dB)
B
12
MHz
Lower limiting threshold
DVlim1
1.7
V
Upper limiting threshold
DVlim2
4.5
V
Signal adjustm.
Pin 10,11,12
DC level (external)
V11
2
4
V
Reference voltage
Pin 12
Vref
5.2
V
Available current
Pin 12
I(Vref)
500
mA


Similar Part No. - U2759B-AFLG3

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U2751A HP-U2751A Datasheet
672Kb / 15P
   Voltage and current programming and readback
logo
Keysight Technologies
U2751A KEYSIGHT-U2751A Datasheet
358Kb / 9P
   USB Modular Switch Matrix
logo
TEMIC Semiconductors
U2752M TEMIC-U2752M Datasheet
79Kb / 6P
   Digital I/Q-Generator Chip for DAB
U2752M-AFL TEMIC-U2752M-AFL Datasheet
79Kb / 6P
   Digital I/Q-Generator Chip for DAB
U2752M-AFLG3 TEMIC-U2752M-AFLG3 Datasheet
79Kb / 6P
   Digital I/Q-Generator Chip for DAB
More results

Similar Description - U2759B-AFLG3

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
SBF0402GPL FUJITSU-SBF0402GPL Datasheet
72Kb / 4P
   IF Filter for DAB
logo
ATMEL Corporation
ATR2740M1 ATMEL-ATR2740M1 Datasheet
195Kb / 8P
   DAB Digital Processing Device
ATR2740 ATMEL-ATR2740_08 Datasheet
197Kb / 9P
   DAB Digital Processing Device
ATR2740 ATMEL-ATR2740 Datasheet
541Kb / 7P
   DAB DIGITAL PROCESSING DEVICE
ATR2740 ATMEL-ATR2740_07 Datasheet
183Kb / 8P
   DAB Digital Processing Device
logo
Oscilent Corporation
813-IF38.912M-E OSCILENT-813-IF38.912M-E Datasheet
324Kb / 4P
   38.912MHz IF SAW Filter for DAB Application
logo
Sanyo Semicon Device
LA7550 SANYO-LA7550 Datasheet
285Kb / 3P
   IF Signal Processing (VIFSIF) Cricuit for TV/VTR
logo
Oscilent Corporation
813-IF38.912M-F OSCILENT-813-IF38.912M-F Datasheet
128Kb / 4P
   38.912MHz IF SAW Filter for DAB Application
logo
Texas Instruments
ADS58C20 TI1-ADS58C20 Datasheet
337Kb / 7P
[Old version datasheet]   Dual IF Receivers with SNRBoost3G Signal Processing
logo
Sanyo Semicon Device
LA7555 SANYO-LA7555 Datasheet
258Kb / 11P
   IF Signal Processing (VIFSIF) Cricuit for TV/VCR Use
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com