Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL040A0LMFI013 Datasheet(PDF) 3 Page - SPANSION

Part # S25FL040A0LMFI013
Description  4 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus and Small Sector for Boot and Parameter Storage
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL040A0LMFI013 Datasheet(HTML) 3 Page - SPANSION

  S25FL040A0LMFI013 Datasheet HTML 1Page - SPANSION S25FL040A0LMFI013 Datasheet HTML 2Page - SPANSION S25FL040A0LMFI013 Datasheet HTML 3Page - SPANSION S25FL040A0LMFI013 Datasheet HTML 4Page - SPANSION S25FL040A0LMFI013 Datasheet HTML 5Page - SPANSION S25FL040A0LMFI013 Datasheet HTML 6Page - SPANSION S25FL040A0LMFI013 Datasheet HTML 7Page - SPANSION S25FL040A0LMFI013 Datasheet HTML 8Page - SPANSION S25FL040A0LMFI013 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
This document states the current technical specifications regarding the Spansion product(s) described herein. The Preliminary status of this document indicates that product qual-
ification has been completed, and that initial production has begun. Due to the phases of the manufacturing process that require maintaining efficiency and quality, this document
may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication Number S25FL040A_00
Revision B0
Issue Date August 31, 2006
Distinctive Characteristics
Architectural Advantages
Single power supply operation
– Full voltage range: 2.7 to 3.6 V read and program operations
Memory Architecture
– 4Mb uniform 64KB sector product: Backward compatible with
S25FL004A 4Mb device; same pin out, command set and uniform
sector size (64KB)
– 4Mb small sector product: Offer Top Boot & Bottom Boot devices;
Seven sectors of 64KB and One 64KB sector (Top or bottom)
broken into two sectors of 16KB each, two sectors of 4KB each, and
two sectors of 12KB each.
Program
– Page Program (up to 256 bytes) in 1.5 ms (typical)
– Program operations are on a page by page basis
Erase
– 0.5 s typical sector erase time
– 3 s typical bulk erase time
Cycling Endurance
– 100,000 cycles per sector typical
Data Retention
– 20 years typical
Device ID
– JEDEC standard two-byte electronic signature
– RES command one-byte electronic signature for backward
compatibility
Process Technology
– Manufactured on 0.20 µm MirrorBit
TM process technology
Package Option
– Industry Standard Pinouts
– 8-pin SO package (150 mils)
– 8-pin SO package (208 mils)
– 8-Contact WSON Package (5 x 6 mm)
Performance Characteristics
Speed
– 50 MHz clock rate (maximum)
Power Saving Standby Mode
– Standby Mode 20 µA (max)
– Deep Power Down Mode 1.5 µA (typical)
Memory Protection Features
Memory Protection
– W# pin works in conjunction with Status Register Bits to protect
specified memory areas
– Status Register Block Protection bits (BP2, BP1, BP0) in status
register configure parts of memory as read-only
Software Features
– SPI Bus Compatible Serial Interface
S25FL040A
4 Megabit CMOS 3.0 Volt Flash Memory
with 50MHz SPI (Serial Peripheral Interface) Bus
and Small Sector for Boot and Parameter Storage
Data Sheet (Preliminary)


Similar Part No. - S25FL040A0LMFI013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL001D0FMAI001 SPANSION-S25FL001D0FMAI001 Datasheet
892Kb / 38P
   2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
S25FL001D0FMAI003 SPANSION-S25FL001D0FMAI003 Datasheet
892Kb / 38P
   2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
S25FL001D0FMAI011 SPANSION-S25FL001D0FMAI011 Datasheet
892Kb / 38P
   2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
S25FL001D0FMAI013 SPANSION-S25FL001D0FMAI013 Datasheet
892Kb / 38P
   2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
S25FL001D0FMFI001 SPANSION-S25FL001D0FMFI001 Datasheet
892Kb / 38P
   2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
More results

Similar Description - S25FL040A0LMFI013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL064A SPANSION-S25FL064A Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A Datasheet
997Kb / 34P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL128P SPANSION-S25FL128P Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A_08 Datasheet
1Mb / 36P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI (Serial Peripheral Interface) Bus
S25FL008A SPANSION-S25FL008A Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
S25FL128P SPANSION-S25FL128P_12 Datasheet
1Mb / 49P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL004A SPANSION-S25FL004A Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004D SPANSION-S25FL004D Datasheet
724Kb / 36P
   4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
logo
Eon Silicon Solution In...
EN25B64 EON-EN25B64 Datasheet
420Kb / 37P
   64 Megabit Serial Flash Memory with Boot and Parameter Sectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com