Electronic Components Datasheet Search |
|
T101ST9AVBE Datasheet(PDF) 6 Page - ITT Industries |
|
T101ST9AVBE Datasheet(HTML) 6 Page - ITT Industries |
6 / 6 page G–42 G Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com C&K T Series Subminiature Toggle Switches TERMINATIONS Actuator Shown In Pos. 1 PC MOUNTING V3 VERTICAL MOUNT, V-BRACKET CONTACT MATERIAL * Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. 1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate. 2 END CONTACTS: Coin silver, with gold plate over nickel plate. 3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate over nickel plate. 4 END CONTACTS: Coin silver, silver plated. 5 CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated. 6 TERMINALS: Copper alloy, with tin-lead alloy over nickel plate. 7 TERMINALS: Copper alloy, with matte-tin over nickel plate. NOTE: Any models supplied with P, R, Q, B or G contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. All models with all options when ordered with R, G, L or Q contact material. B contact material standard with A, AV, V3 & W terminations. Q contact material standard with C & Z terminations. SEAL E EPOXY SEAL T201MH9V3BE DPDT OPTION CODE CONTACT MATERIAL TERMINAL PLATING RATINGS SILVER 5 GOLD 1 SILVER 4,5 GOLD OVER SILVER 2,3 GOLD 3 TIN-LEAD 6 MATTE-TIN 7 GOLD 1 TIN-LEAD 6 MATTE-TIN 7 LOW LEVEL/ DRY CIRCUIT POWER LOW LEVEL/DRY CIRCUIT OR POWER 0.4 VA MAX. @ 20 V AC OR DC MAX. TX01 MODELS: 3 AMPS @ 120 V AC OR 28 V DC. ALL OTHER MODELS: 2 AMPS @ 120 V AC OR 28 V DC. TX01 MODELS: 0.4 VA MAX @ 20 V AC OR DC MAX. OR 3 AMPS @ 120 V AC OR 28 V DC. ALL OTHER MODELS: 0.4 VA MAX @ 20 V AC OR DC MAX. OR 2 AMPS @ 120 V AC OR 28 V DC. B K P Q G L R YES NO YES YES YES NO YES YES YES YES YES YES YES YES RoHS COMPLIANT RoHS COMPATIBLE |
Similar Part No. - T101ST9AVBE |
|
Similar Description - T101ST9AVBE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |