Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPT02B9-36PXDZ Datasheet(PDF) 6 Page - ITT Industries

Part # KPT02B9-36PXDZ
Description  General purpose solder contact connectors
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KPT02B9-36PXDZ Datasheet(HTML) 6 Page - ITT Industries

Back Button KPT02B9-36PXDZ Datasheet HTML 2Page - ITT Industries KPT02B9-36PXDZ Datasheet HTML 3Page - ITT Industries KPT02B9-36PXDZ Datasheet HTML 4Page - ITT Industries KPT02B9-36PXDZ Datasheet HTML 5Page - ITT Industries KPT02B9-36PXDZ Datasheet HTML 6Page - ITT Industries KPT02B9-36PXDZ Datasheet HTML 7Page - ITT Industries KPT02B9-36PXDZ Datasheet HTML 8Page - ITT Industries KPT02B9-36PXDZ Datasheet HTML 9Page - ITT Industries KPT02B9-36PXDZ Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
KPT/KPSE
Miniature circular connectors
6
Subject to changes
KPSE High performance crimp contact connectors
q High performance
q Crimp termination
q Closed entry socket contacts
Series KPSE environmental, miniature circular, quick
disconnect connectors are designed for the exacting
requirements of today`s electronic industry.
They are intermateable, intermountable and
interchangeable with all connectors manufactured
acc. to MIL-C-26482, LN 29500, VG 95328, NFC
93422 HE 301 and NFL 54125.
Connectors of ITT Cannon series KPSE have
obtained the VDE Expertise No. 63761.
4 Contact retaining clip
is completely encased in a tough plastic wafer to protect
the clip from damage.
Complete moisture sealing
is achieved by combining four seals: shell, peripheral,
interfacial and wire seals.
SHELL SEAL
is effected when the plug shell pushes against the
sealing ring in the receptacle when the connectors are
mated.
PERIPHERAL SEAL
around the edge of the pin insulator is designed so that
mating the connector puts tension on the seal and
greatly reduces compression set.
INTERFACIAL SEAL
is achieved by the insulator faces meeting when the
plug and receptacle are mated.
WIRE SEAL
is accomplished by a multiple ripple design, exceeding
the wire sealing requirements of MIL-C-26482.
5 Positive insert-to-shell mechanical retention
with hard plastic wafer firmly locked into a groove in
the shell, in addition to a strong adhesive bond between
the insert and shell.
1 Standard MIL-C-26482 or NFL 54 125 Hardware
mates with any connector designed to MIL-C-26 482,
LN 29500 or NF L 54 125 or NF C 93 422, HE 301
model
2 Crimp, snap-in contacts
are designed to MIL-C-23216 and can be crimped with
the standard M22520/1 crimp tool.
CLOSED-ENTRY SOCKET CONTACTS
eliminate damage from abuse by test probes and help
to correct any misaligned pins during engagement.
CONTACT INSERTION
is accomplished from the rear of the connector. When
the contact is fully inserted, the clip tines snap securely
behind the contact shoulder.
CONTACT EXTRACTION
is accomplished with a front-inserted extraction tool.
Pressing the tool plunger pushes the contact out
through the rear of the connector.
3 Monobloc insulator
does not leave any access to moisture and avoids
interfacial empty space.


Similar Part No. - KPT02B9-36PXDZ

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KPT02B10-36PW ITT-KPT02B10-36PW Datasheet
326Kb / 31P
   Miniature circular connectors
KPT02B10-36PX ITT-KPT02B10-36PX Datasheet
326Kb / 31P
   Miniature circular connectors
KPT02B10-36PY ITT-KPT02B10-36PY Datasheet
326Kb / 31P
   Miniature circular connectors
KPT02B10-36SW ITT-KPT02B10-36SW Datasheet
326Kb / 31P
   Miniature circular connectors
KPT02B10-36SX ITT-KPT02B10-36SX Datasheet
326Kb / 31P
   Miniature circular connectors
More results

Similar Description - KPT02B9-36PXDZ

ManufacturerPart #DatasheetDescription
logo
ITT Industries
031-8704-203 ITT-031-8704-203 Datasheet
326Kb / 31P
   KPT General purpose solder contact connectors
logo
List of Unclassifed Man...
KPT06E22-41PF80 ETC2-KPT06E22-41PF80 Datasheet
326Kb / 31P
   KPT General purpose solder contact connectors
logo
Hirose Electric
RM-W HIROSE-RM-W Datasheet
627Kb / 16P
   General-purpose Multi-Contact Circular Waterproof Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
List of Unclassifed Man...
KPT06J12-3S ETC2-KPT06J12-3S Datasheet
326Kb / 31P
   General purpose, Solder termination, Closed entry socket contacts
logo
Tyco Electronics
A9AAT-1502F MACOM-A9AAT-1502F Datasheet
82Kb / 1P
   CONTACT, SOLDER TAB, FFC
logo
Japan Aviation Electron...
SRCN JAE-SRCN Datasheet
429Kb / 2P
   Low Cost, General Purpose Miniature Circular Connectors
logo
FCI connector
8638-PSS-X005 FCI-CONNECTOR-8638-PSS-X005 Datasheet
61Kb / 1P
   FEMALE CONTACT FOR SOLDER CONNECTION
DC27W2PA00LF FCI-CONNECTOR-DC27W2PA00LF Datasheet
76Kb / 1P
   PIN CONNECTOR WITH SOLDER CONTACT
logo
Tyco Electronics
A9AAT-0902F MACOM-A9AAT-0902F Datasheet
80Kb / 1P
   CONTACT, SOLDER TAB, FFC, .100CL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com