Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K12ABK1.55NL3061R Datasheet(PDF) 5 Page - ITT Industries

Part # K12ABK1.55NL3061R
Description  High Performance Key Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

K12ABK1.55NL3061R Datasheet(HTML) 5 Page - ITT Industries

  K12ABK1.55NL3061R Datasheet HTML 1Page - ITT Industries K12ABK1.55NL3061R Datasheet HTML 2Page - ITT Industries K12ABK1.55NL3061R Datasheet HTML 3Page - ITT Industries K12ABK1.55NL3061R Datasheet HTML 4Page - ITT Industries K12ABK1.55NL3061R Datasheet HTML 5Page - ITT Industries K12ABK1.55NL3061R Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.ittcannon.com
E–14
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
E
K12
High Performance Key Switches
SERIES
1/1
1/1
2/1
2/1
2/2
2/2
1/2
1/2
LED
K
2,5
5
2,6
9,6
2,5
2,6
9,6
(0.197)
5 (0.197)
(0.103)
(0.278)
(0.278)
(0.103)
(0.098)
(0.098)
K12GO
K12GOL
PCB LAYOUT, MOUNTING SIDE
K
(LED)
total travel 1,5mm
2/2
1/2
1/1
2/1
PCB
code pin ø1,1
3
ø
9,8
ø
10,9
SQ.
5,6
4,6
ø
actuation area
(0.118)
(0.0591)
(0.043)
(0.386)
(0.428)
(0.187)
(0.228)
SCHEMATIC
K12G
K12GL
1/2
2/2
2/1
1/1
2/2
1/2
2/1
1/1
K
1,7
2x
2x
snap-in
(.069)
1,6
1x
1x
code
(.062)
2x
2 LED
Sn
0,9
2x
LED
m0.5 (.020)
Sn
(.035)
2x
2x
switch 2
0.7 x 0.3 (.028 x .012)
Sn
2x
2x
switch 1
0.7 x 0.2 (.028 x .081)
Sn
Hole
Ø
Without LED
With LED
Description
Terminal Section
Surface
K12G0
K12GOL
K12G0
K12GOL


Similar Part No. - K12ABK1.55NL3061R

ManufacturerPart #DatasheetDescription
logo
C&K Components
K12ABK12.5NL3061R CK-COMPONENTS-K12ABK12.5NL3061R Datasheet
279Kb / 6P
   High Performance Key Switches
More results

Similar Description - K12ABK1.55NL3061R

ManufacturerPart #DatasheetDescription
logo
C&K Components
K12 CK-COMPONENTS-K12 Datasheet
279Kb / 6P
   High Performance Key Switches
K12 CK-COMPONENTS-K12_V01 Datasheet
563Kb / 6P
   High Performance Key Switches
14 Jan 22
K12S CK-COMPONENTS-K12S Datasheet
200Kb / 3P
   High Performance SMT Key Switches
K12S CK-COMPONENTS-K12S_V01 Datasheet
614Kb / 6P
   High Performance SMT Key Switches (Cold White)
23 Jun 22
logo
Copal Electronics
MRK COPAL-MRK Datasheet
1Mb / 8P
   Key Switches
MRKC1052B-C-10 COPAL-MRKC1052B-C-10 Datasheet
391Kb / 2P
   Key Switches
logo
ITT Industries
K6B1.53N ITT-K6B1.53N Datasheet
197Kb / 3P
   Miniature Key Switches
logo
C&K Components
K6BGN1.53NL306 CK-COMPONENTS-K6BGN1.53NL306 Datasheet
188Kb / 3P
   Miniature Key Switches
K12D CK-COMPONENTS-K12D Datasheet
192Kb / 2P
   High Performance Detect Switches
3 May 21
logo
Tyco Electronics
2SWK MACOM-2SWK Datasheet
295Kb / 4P
   Key Switches, Medium Security
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com