Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBN70A20 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN70A20
Description  70MHz SAW Filter 27MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN70A20 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN70A20 Datasheet HTML 1Page - SIPAT Co,Ltd LBN70A20 Datasheet HTML 2Page - SIPAT Co,Ltd LBN70A20 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN70A20
Rev. Date
2006-3-30
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
70MHz SAW Filter
27MHz Bandwidth
Part Number:LBN70A20
Typical Performance
Frequency Respond
Passband Respond
30
40
50
60
70
80
90
100
110
-86.8806
-76.8806
-66.8806
-56.8806
-46.8806
-36.8806
-26.8806
55
60
65
70
75
80
85
-31
-30
-29
-28
-27
-26
-25
-24
-23
-22
Group Delay Variation(f0±12.5MHz)
Phase Linearity(f0±12.5MHz)
Smith Chart S11
Smith Chart S22


Similar Part No. - LBN70A20

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN70A20 SIPAT-LBN70A20 Datasheet
168Kb / 3P
   70MHz SAW Filter
More results

Similar Description - LBN70A20

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN07091 SIPAT-LBN07091 Datasheet
264Kb / 3P
   70MHz SAW Filter 12.4MHz Bandwidth
LBN07095 SIPAT-LBN07095 Datasheet
276Kb / 3P
   70MHz SAW Filter 18.6MHz Bandwidth
LBN07097 SIPAT-LBN07097 Datasheet
158Kb / 3P
   70MHz SAW Filter 13.35MHz Bandwidth
LB070DS05 SIPAT-LB070DS05 Datasheet
293Kb / 3P
   2.5MHz SAW Filter 70MHz Bandwidth
LBN70A27 SIPAT-LBN70A27 Datasheet
295Kb / 3P
   70MHz SAW Filter 8MHz Bandwidth
LBN7049 SIPAT-LBN7049 Datasheet
140Kb / 3P
   70MHz SAW Filter 25.58MHz Bandwidth
LBN07076 SIPAT-LBN07076 Datasheet
140Kb / 3P
   70MHz SAW Filter 25MHz Bandwidth
LBN07098 SIPAT-LBN07098 Datasheet
288Kb / 3P
   70MHz SAW Filter 8MHz Bandwidth
LBS70A03 SIPAT-LBS70A03 Datasheet
146Kb / 3P
   70MHz SAW Filter 3.5MHz Bandwidth
LBS7036 SIPAT-LBS7036 Datasheet
144Kb / 3P
   70MHz SAW Filter 1.5MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com