Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K12ALYE1.55NL3061R Datasheet(PDF) 2 Page - ITT Industries

Part # K12ALYE1.55NL3061R
Description  High Performance Key Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

K12ALYE1.55NL3061R Datasheet(HTML) 2 Page - ITT Industries

  K12ALYE1.55NL3061R Datasheet HTML 1Page - ITT Industries K12ALYE1.55NL3061R Datasheet HTML 2Page - ITT Industries K12ALYE1.55NL3061R Datasheet HTML 3Page - ITT Industries K12ALYE1.55NL3061R Datasheet HTML 4Page - ITT Industries K12ALYE1.55NL3061R Datasheet HTML 5Page - ITT Industries K12ALYE1.55NL3061R Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.ittcannon.com
E–11
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
E
K12
High Performance Key Switches
SERIES
K12A
K12AL
[.295]
[.103]
2,6
7,5
total travel 1 or 1.5mm
[.386]
[.429]
[.0394]
9,8
ø
10,9
1
ø
[.098]
[.103]
[.295]
2,5
2,6
7,5
[.181]
[.22]
[.118]
PCB
K
(LED)
K
4,6
ø
3
ø
5,6
ø
ø
Terminal Section
Discription
with LED
Without
Surface
Hole
Sn
switch
LED
2x
center hole
±0,05
Sn
2x
2x
2x
2x
ø0,5 (.020)
0,7x0,2 (.028x.081)
0,9
1,1
+0,05
PCB LAYOUT, MOUNTING SIDE
PCB LAYOUT, MOUNTING SIDE


Similar Part No. - K12ALYE1.55NL3061R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
K12A FOX-K12A Datasheet
283Kb / 3P
   2 x 1.2mm Auto Grade Tuning Fork
logo
Toshiba Semiconductor
K12A50D TOSHIBA-K12A50D Datasheet
262Kb / 6P
   Switching Regulator Applications
K12A60D TOSHIBA-K12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
K12A60U TOSHIBA-K12A60U Datasheet
187Kb / 6P
   Field Effect Transistor Silicon N Channel MOS Type (DTMOS??
K12A60W TOSHIBA-K12A60W Datasheet
246Kb / 10P
   MOSFETs Silicon N-Channel MOS (DTMOS??
More results

Similar Description - K12ALYE1.55NL3061R

ManufacturerPart #DatasheetDescription
logo
C&K Components
K12 CK-COMPONENTS-K12 Datasheet
279Kb / 6P
   High Performance Key Switches
K12 CK-COMPONENTS-K12_V01 Datasheet
563Kb / 6P
   High Performance Key Switches
14 Jan 22
K12S CK-COMPONENTS-K12S Datasheet
200Kb / 3P
   High Performance SMT Key Switches
K12S CK-COMPONENTS-K12S_V01 Datasheet
614Kb / 6P
   High Performance SMT Key Switches (Cold White)
23 Jun 22
logo
Copal Electronics
MRK COPAL-MRK Datasheet
1Mb / 8P
   Key Switches
MRKC1052B-C-10 COPAL-MRKC1052B-C-10 Datasheet
391Kb / 2P
   Key Switches
logo
ITT Industries
K6B1.53N ITT-K6B1.53N Datasheet
197Kb / 3P
   Miniature Key Switches
logo
C&K Components
K6BGN1.53NL306 CK-COMPONENTS-K6BGN1.53NL306 Datasheet
188Kb / 3P
   Miniature Key Switches
K12D CK-COMPONENTS-K12D Datasheet
192Kb / 2P
   High Performance Detect Switches
3 May 21
logo
Tyco Electronics
2SWK MACOM-2SWK Datasheet
295Kb / 4P
   Key Switches, Medium Security
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com