Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2371EGC Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX2371EGC
Description  LNAs with Step Attenuator and VGA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2371EGC Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX2371EGC Datasheet HTML 2Page - Maxim Integrated Products MAX2371EGC Datasheet HTML 3Page - Maxim Integrated Products MAX2371EGC Datasheet HTML 4Page - Maxim Integrated Products MAX2371EGC Datasheet HTML 5Page - Maxim Integrated Products MAX2371EGC Datasheet HTML 6Page - Maxim Integrated Products MAX2371EGC Datasheet HTML 7Page - Maxim Integrated Products MAX2371EGC Datasheet HTML 8Page - Maxim Integrated Products MAX2371EGC Datasheet HTML 9Page - Maxim Integrated Products MAX2371EGC Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
LNAs with Step Attenuator and VGA
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
_____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2006 Maxim Integrated Products
is a registered trademark of Maxim Integrated Products, Inc.
Impedance-Matching Network Layout
The input- and output-matching networks are sensitive to
layout-related parasitic inductions. To minimize parasitic
inductance, keep traces short and place components as
close as possible to the chip. To minimize parasitic
capacitance, minimize the area of the plane.
Chip Information
TRANSISTOR COUNT: 360
AGC
RF_VCC
GND
LNA_OUT
LNA_IN
2.775 VDC
AGC_BYP
EXPONENTIAL
CONVERTER
AGC
AMP
LNA
RF_ATTN
RF
ATTENUATOR
RF
INPUT MATCH
LNA_VCC
LNA_I
RSET
1.1k
Ω
PRECISION
RX_EN
LNA_E
MAX2371
MAX2373
Typical Operating Circuits
Revision History
Pages changed at Rev 1: 1, 8, 10


Similar Part No. - MAX2371EGC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2371EVKIT MAXIM-MAX2371EVKIT Datasheet
303Kb / 7P
   All Critical Peripheral Components Included
Rev 0; 2/02
More results

Similar Description - MAX2371EGC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2674 MAXIM-MAX2674_V01 Datasheet
1Mb / 9P
   GPS/GNSS LNAs with Antenna Switch and Bias
2015
MAX2674 MAXIM-MAX2674 Datasheet
1Mb / 9P
   GPS/GNSS LNAs with Antenna Switch and Bias
Rev 0; 12/10
logo
ANADIGICS, Inc
ARA1400 ANADIGICS-ARA1400 Datasheet
284Kb / 12P
   Reverse Amplifier with Step Attenuator
ARA2004 ANADIGICS-ARA2004 Datasheet
264Kb / 20P
   Reverse Amplifier with Step Attenuator
ARA2008 ANADIGICS-ARA2008 Datasheet
115Kb / 8P
   Reverse Amplifier with Step Attenuator
ARA05050 ANADIGICS-ARA05050 Datasheet
551Kb / 16P
   Reverse Amplifier with Step Attenuator
ARA2005 ANADIGICS-ARA2005 Datasheet
227Kb / 16P
   Reverse Amplifier with Step Attenuator
logo
Skyworks Solutions Inc.
ARA05050 SKYWORKS-ARA05050 Datasheet
2Mb / 16P
   Reverse Amplifier with Step Attenuator
logo
ANADIGICS, Inc
ARA05050 ANADIGICS-ARA05050_12 Datasheet
471Kb / 14P
   Reverse Amplifier with Step Attenuator
ARA1400S12 ANADIGICS-ARA1400S12 Datasheet
393Kb / 8P
   CATV Reverse Amplifier with step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com