Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLCY5200 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TLCY5200
Description  High Intensity LED, diameter 5 mm 30degree Untinted Non-Diffused
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLCY5200 Datasheet(HTML) 6 Page - Vishay Siliconix

  TLCY5200 Datasheet HTML 1Page - Vishay Siliconix TLCY5200 Datasheet HTML 2Page - Vishay Siliconix TLCY5200 Datasheet HTML 3Page - Vishay Siliconix TLCY5200 Datasheet HTML 4Page - Vishay Siliconix TLCY5200 Datasheet HTML 5Page - Vishay Siliconix TLCY5200 Datasheet HTML 6Page - Vishay Siliconix TLCY5200 Datasheet HTML 7Page - Vishay Siliconix TLCY5200 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
6
Document Number 83210
Rev. 5, 08-Apr-03
VISHAY
TLC.52..
Vishay Semiconductors
Figure 13. Relative Intensity vs. Wavelength
Figure 14. Relative Intensity vs. Wavelength
Figure 15. Relative Intensity vs. Wavelength
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
540 550 560 570 580 590 600 610 620 630 640
l – Wavelength ( nm )
16008
IF = 50 mA
Yellow
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
460 480 500 520 540 560 580 600 620
l – Wavelength ( nm )
16068
IF = 30 mA
True Green
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
400 420 440 460 480 500 520 540 560
l – Wavelength ( nm )
17539
IF = 30 mA
Blue


Similar Part No. - TLCY5200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLCY5200 VISHAY-TLCY5200 Datasheet
532Kb / 5P
   Ultrabright LED, 횠 5 mm Untinted Non-Diffused Package
09-Jul-2021
TLCY5200 VISHAY-TLCY5200 Datasheet
108Kb / 5P
   Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLCY5200 VISHAY-TLCY5200_V01 Datasheet
532Kb / 5P
   Ultrabright LED, 횠 5 mm Untinted Non-Diffused Package
09-Jul-2021
TLCY5200 VISHAY-TLCY5200_V02 Datasheet
108Kb / 5P
   Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
More results

Similar Description - TLCY5200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHK5100 VISHAY-TLHK5100 Datasheet
265Kb / 9P
   High Intensity LED, ∅ 5 mm Untinted Non-Diffused
Rev. 1.9, 31-Aug-04
TLHF5800 VISHAY-TLHF5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHK5800 VISHAY-TLHK5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHE5800 VISHAY-TLHE5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHK51 VISHAY-TLHK51 Datasheet
112Kb / 9P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A3, 04-Feb-99
TLHF5800 VISHAY-TLHF5800_V01 Datasheet
114Kb / 5P
   High Intensity LED, ??5 mm Untinted Non-Diffused
18-Jul-08
TLHK5800 VISHAY-TLHK5800_V02 Datasheet
109Kb / 5P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLHK510 VISHAY-TLHK510_V01 Datasheet
117Kb / 6P
   High Intensity LED, 횠 5 mm Untinted Non-Diffused Package
01-Jan-2022
TLHE5800 VISHAY-TLHE5800_V02 Datasheet
447Kb / 4P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLHK5100 VISHAY-TLHK5100_V01 Datasheet
204Kb / 5P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com