Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8853-19PF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS8853-19PF
Description  300mA LDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS8853-19PF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS8853-19PF Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8853-19PF Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8853-19PF Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8853-19PF Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8853-19PF Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8853-19PF Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8853-19PF Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8853-19PF Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8853-19PF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FS8853
300mA LDO Linear Regulator
Fortune Semiconductor Co.
TEL : +886-2-2809-4742
1/13
TD-0405006
Rev. 1.5
http://www.fsc.com.tw
FAX: +886-2-2809-4874
G
Geen
neerraall D
Deessccrriip
pttiioon
n
The FS8853 is a low-dropout linear regulator that
operations in the input voltage range from +2.5V
to +9.0V and delivers 300mA output current.
The high-accuracy output voltage is preset at an
internally trimmed voltage 2.5V or 3.3V. Other
output voltages can be mask-optioned from 1.3V
to
4.5V
with
100mV
increment,
except
FS8853-29Cx which has 2.85V output voltage.
The FS8853 consists of a 1.25V bandgap
reference, an error amplifier, and a P-channel
pass
transistor.
Other
features
include
short-circuit protection and thermal shutdown
protection. The FS8853 devices are available in
TO-92, SOT-89 and SOT-23 packages.
F
Feeaattu
urreess
Low dropout voltage 400mV at 300mA (Typ.)
Up to ±35mV output voltage accuracy (VIN
7V)
Preset at 2.5V, 3.3V
Mask options from 1.3V to 4.5V
Small output capacitor
Output current limit
Thermal overload shutdown protection
TO-92, SOT-89 and SOT-23 Package
A
Ap
pp
plliiccaattiioon
nss
Battery Powered Equipment
Palmtops
Portable Cameras and Video Recorders
Reference Voltage Sources
Post Regulator for Switching Power
O
Orrd
deerriin
ngg IIn
nffoorrm
maattiioon
n
FS8853-xx x x
Package
Pin Out
A : SOT-23
1.IN
2.GND 3.OUT
B : SOT-23
1.GND 2.IN
3.OUT
C : SOT-23
1.GND 2.OUT 3.IN
V : SOT-23
1.OUT 2.GND 3.IN
D : TO-92
1.IN
2.GND 3.OUT
E : TO-92
1.GND 2.IN
3.OUT
F : TO-92
1.OUT 2.GND 3.IN
W : TO-92
1.GND 2.OUT 3.IN
K : SOT-89
1.IN
2.GND 3.OUT
L : SOT-89
1.GND 2.IN
3.OUT
I : SOT-89
1.OUT 2.GND 3.IN
Y : SOT-89
1.GND 2.OUT 3.IN
Temperature Range
C : Commercial Standard
P : Commercial Standard, Lead(Pb) Free and
Phosphorous(P) Free Package
Output Voltage
13 : 1.3V
26 : 2.6V
39 : 3.9V
14 : 1.4V
27 : 2.7V
40 : 4.0V
15 : 1.5V
28 : 2.8V
41 : 4.1V
16 : 1.6V
29 : 2.85V
42 : 4.2V
17 : 1.7V
30 : 3.0V
43 : 4.3V
18 : 1.8V
31 : 3.1V
44 : 4.4V
19 : 1.9V
32 : 3.2V
45 : 4.5V
20 : 2.0V
33 : 3.3V
21 : 2.1V
34 : 3.4V
22 : 2.2V
35 : 3.5V
23 : 2.3V
36 : 3.6V
24 : 2.4V
37 : 3.7V
25 : 2.5V
38 : 3.8V
Note : Mask option output types are
available by order only


Similar Part No. - FS8853-19PF

ManufacturerPart #DatasheetDescription
logo
Fortune Semiconductor C...
FS8853-15GC FORTUNE-FS8853-15GC Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
FS8853-15GI FORTUNE-FS8853-15GI Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
FS8853-15GL FORTUNE-FS8853-15GL Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
FS8853-18GC FORTUNE-FS8853-18GC Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
FS8853-18GI FORTUNE-FS8853-18GI Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
More results

Similar Description - FS8853-19PF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Anachip Corp
AP130 ANACHIP-AP130 Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
Diodes Incorporated
AP130 DIODES-AP130_11 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-15WL-7 DIODES-AP130-15WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-25SAG-7 DIODES-AP130-25SAG-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-33WL-7 DIODES-AP130-33WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com