Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V80101MS02QE Datasheet(PDF) 3 Page - ITT Industries

Part # V80101MS02QE
Description  Power & Line Voltage Select Slide Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

V80101MS02QE Datasheet(HTML) 3 Page - ITT Industries

  V80101MS02QE Datasheet HTML 1Page - ITT Industries V80101MS02QE Datasheet HTML 2Page - ITT Industries V80101MS02QE Datasheet HTML 3Page - ITT Industries V80101MS02QE Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
J–34
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
J
C&K V Series
Power & Line Voltage Select Slide Switches
MOUNTING STYLE
?
??
.045 x .045 DEEP
(1,14) x (1,14)
1.300
(33,02)
.750
(19,05)
(6,22)
.245
.315
(8,00)
.200 TYP.
(5,08)
.650
(16,50)
.080
(2,03)
.540
(13,72)
.315
(8,00)
.346 TYP.
(8,80)
.110 x .032 TYP.
(2,79) x (0,80)
.050 DIA. TYP.
(1,30 )
ACTUATOR TOP
FLUSH
PANEL MOUNTING
Panel thickness:
PANEL MOUNTING
S2
SNAP-IN PANEL MOUNT
MS
PC THRU-HOLE
SL
RIGHT ANGLE PANEL WITH MOUNTING EARS
AVAILABLE WITH:
All models with 02 terminations
PC MOUNTING
PC mount, top actuated.
For mounting information,
see TERMINATIONS section, page J-35.
AVAILABLE WITH:
All models with 08 terminations
AVAILABLE WITH:
All models with 02 &
05 terminations
V80212MS02Q
DPDT
V80213SL08Q
Horizontal Actuation
DPDT
V80212S205Q
DPDT


Similar Part No. - V80101MS02QE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V80100P VISHAY-V80100P Datasheet
107Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.425 V at IF = 10 A
Revision: 26-May-08
V80100P-E3/45 VISHAY-V80100P-E3/45 Datasheet
107Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.425 V at IF = 10 A
Revision: 26-May-08
V80100PW VISHAY-V80100PW Datasheet
84Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 09-Feb-10
V80100PW-M3-4W VISHAY-V80100PW-M3-4W Datasheet
84Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 09-Feb-10
V80100PW VISHAY-V80100PW_15 Datasheet
83Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.43 V at IF = 10 A
Revision: 20-Dec-13
More results

Similar Description - V80101MS02QE

ManufacturerPart #DatasheetDescription
logo
C&K Components
V80212SS05QE CK-COMPONENTS-V80212SS05QE Datasheet
300Kb / 4P
   Power & Line Voltage Select Slide Switches
V CK-COMPONENTS-V Datasheet
684Kb / 4P
   Power & Line Voltage Select Slide Switches
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com