Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71AL016D Datasheet(PDF) 8 Page - SPANSION

Part # S71AL016D
Description  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71AL016D Datasheet(HTML) 8 Page - SPANSION

Back Button S71AL016D Datasheet HTML 4Page - SPANSION S71AL016D Datasheet HTML 5Page - SPANSION S71AL016D Datasheet HTML 6Page - SPANSION S71AL016D Datasheet HTML 7Page - SPANSION S71AL016D Datasheet HTML 8Page - SPANSION S71AL016D Datasheet HTML 9Page - SPANSION S71AL016D Datasheet HTML 10Page - SPANSION S71AL016D Datasheet HTML 11Page - SPANSION S71AL016D Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
8
S71AL016D_02_04_00_A1 November 11, 2004
Pr e l i m i n a r y
Ordering Information
The order number is formed by a valid combinations of the following:
S71AL
016
D
02
BA
W
T
F
0
PACKING TYPE
0= Tray
2
= 7” Tape and Reel
3
= 13” Tape and Reel
MODEL NUMBER
See the Valid Combinations table.
BOOT TYPE
T
= Top Boot
B
= Bottom Boot
TEMPERATURE RANGE
W
= Wireless (-25
°C to +85°C)
PACKAGE TYPE
BA
= Fine-pitch BGA Lead (Pb)-free compliant package
BF
= Fine-pitch BGA Lead (Pb)-free package
SRAM DENSITY
02
= 2Mb SRAM
PROCESS TECHNOLOGY
D
= 200 nm, Floating Gate Technology
FLASH DENSITY
016 = 16Mb
PRODUCT FAMILY
S71AL Multi-chip Product (MCP)
3.0-volt Flash Memory and RAM


Similar Part No. - S71AL016D

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71AL016M SPANSION-S71AL016M Datasheet
1Mb / 68P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016M40 SPANSION-S71AL016M40 Datasheet
1Mb / 68P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
More results

Similar Description - S71AL016D

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71GL-N SPANSION-S71GL-N_08 Datasheet
463Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL016A SPANSION-S71GL016A Datasheet
252Kb / 9P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL032A SPANSION-S71GL032A Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016M SPANSION-S71AL016M Datasheet
1Mb / 68P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL-N SPANSION-S71GL-N Datasheet
452Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
Eon Silicon Solution In...
EN71PL032A0A EON-EN71PL032A0A Datasheet
333Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71GL128B0 EON-EN71GL128B0 Datasheet
545Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL03280 EON-EN71PL03280 Datasheet
223Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL032A0 EON-EN71PL032A0 Datasheet
212Kb / 7P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
SPANSION
S71PL064JA0BFW0P0 SPANSION-S71PL064JA0BFW0P0 Datasheet
726Kb / 22P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com