Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V70114MS02QE Datasheet(PDF) 1 Page - ITT Industries

Part # V70114MS02QE
Description  Power & Line Voltage Select Slide Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

V70114MS02QE Datasheet(HTML) 1 Page - ITT Industries

  V70114MS02QE Datasheet HTML 1Page - ITT Industries V70114MS02QE Datasheet HTML 2Page - ITT Industries V70114MS02QE Datasheet HTML 3Page - ITT Industries V70114MS02QE Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
J–32
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
J
C&K V Series
Power & Line Voltage Select Slide Switches
Features/Benefits
Ratings up to 10 AMPS
Snap-in panel and PC mounting
Actuators with screwdriver slot
Quick connect terminals available
RoHS compliant
Typical Applications
Appliances
Specifications
CONTACT RATING: 10.1 AMPS @ 125 V AC; 4 AMPS @ 28 V DC;
5 AMPS @ 250 V AC (UL/CSA). 2.0 (0.5) AMPS @ 250 V AC,
T85 (VDE).
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
CONTACT RESISTANCE: Below 10 m
Ω typ. initial
@ 2-4 V DC, 100 mA.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –30ºC to +85ºC.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages J–33 through J–35. For additional options not shown in catalog, consult Customer Service Center.
Materials
HOUSING: 6/6 nylon (UL94V-2), black.
TOP PLATE: 6/6 nylon (UL94V-2), black.
ACTUATOR: Glass filled polyester (UL94V-0), ‘01 and 02’ styles,
black (standard); ‘12, 13 and 14’ styles, red (standard).
CONTACTS: Copper, silver plated.
TERMINALS: Copper, silver plated.
CONTACT SPRING: Music wire or stainless steel.
TERMINAL SEAL: Epoxy.
Switch Function
V802 DPDT
V701 SPST
V702 SPDT
V801 DPST
Mounting Style
SS Panel with mounting ears
MA Right angle, PC thru-hole
MS PC Thru-hole
S2
Snap-in panel
SL
Right angle, panel with
mounting ears
Actuator
12 Screwdriver slot
01 .290" high
02 .290" high with markings
13 Screwdriver slot
14 Screwdriver slot with markings
Contact Material
Q Silver
Seal
NONE No seal
E Epoxy seal
Terminations
05 Quick connect
02 PC thru-hole
08 Right angle PC thru-hole
Models Available
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant.
For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.


Similar Part No. - V70114MS02QE

ManufacturerPart #DatasheetDescription
logo
C&K Components
V701 CK-COMPONENTS-V701 Datasheet
279Kb / 4P
   Snap-in panel and PC mounting
V701 CK-COMPONENTS-V701 Datasheet
684Kb / 4P
   Power & Line Voltage Select Slide Switches
More results

Similar Description - V70114MS02QE

ManufacturerPart #DatasheetDescription
logo
C&K Components
V80212SS05QE CK-COMPONENTS-V80212SS05QE Datasheet
300Kb / 4P
   Power & Line Voltage Select Slide Switches
V CK-COMPONENTS-V Datasheet
684Kb / 4P
   Power & Line Voltage Select Slide Switches
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com