Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP34833RF1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP34833RF1
Description  IR Receiver Modules for Remote Control Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP34833RF1 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP34833RF1 Datasheet HTML 1Page - Vishay Siliconix TSOP34833RF1 Datasheet HTML 2Page - Vishay Siliconix TSOP34833RF1 Datasheet HTML 3Page - Vishay Siliconix TSOP34833RF1 Datasheet HTML 4Page - Vishay Siliconix TSOP34833RF1 Datasheet HTML 5Page - Vishay Siliconix TSOP34833RF1 Datasheet HTML 6Page - Vishay Siliconix TSOP34833RF1 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VISHAY
TSOP348..RF1
Document Number 82237
Rev. 1, 16-Jun-03
Vishay Semiconductors
www.vishay.com
1
16666
2
1
3
IR Receiver Modules for Remote Control Systems
Description
The TSOP348..RF1 - series are miniaturized receiv-
ers for infrared remote control systems. PIN diode
and preamplifier are assembled on lead frame, the
epoxy package is designed as IR filter.
The demodulated output signal can directly be
decoded by a microprocessor. TSOP348..RF1 is the
standard IR remote control receiver series for 3 V
supply voltage, supporting all major transmission
codes.
Features
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Improved shielding against electrical field
disturbance
• TTL and CMOS compatibility
• Output active low
• Supply voltage: 2.7 V to 5.5 V
• Improved immunity against ambient light
Mechanical Data
Pinning:
1 = OUT, 2 = GND, 3 = VS
Parts Table
Block Diagram
Application Circuit
Part
Carrier Frequency
TSOP34830RF1
30 kHz
TSOP34833RF1
33 kHz
TSOP34836RF1
36 kHz
TSOP34837RF1
36.7 kHz
TSOP34838RF1
38 kHz
TSOP34840RF1
40 kHz
TSOP34856RF1
56 kHz
30 kΩ
2
3
1
VS
OUT
Demo-
GND
Pass
AGC
Input
PIN
Band
dulator
Control Circuit
16833
C1 =
4.7 µF
TSOPxxxx
OUT
GND
µC
R1 =100 Ω
+VS
GND
Transmitter
with
TSALxxxx
VS
R1 +C1 recommended to suppress power supply
disturbances.
VO
The output voltage should not be hold continuously at
a voltage below VO = 2.0 V by the external circuit.
17170


Similar Part No. - TSOP34833RF1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP34833 VISHAY-TSOP34833 Datasheet
200Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 20-Aug-08
TSOP34833 VISHAY-TSOP34833 Datasheet
151Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 20-Aug-08
TSOP34833SJ1 VISHAY-TSOP34833SJ1 Datasheet
228Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 28-Feb-05
TSOP34833UH1 VISHAY-TSOP34833UH1 Datasheet
242Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 28-Feb-05
TSOP34833VI1 VISHAY-TSOP34833VI1 Datasheet
244Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Oct-03
More results

Similar Description - TSOP34833RF1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com