Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7135QN Datasheet(PDF) 9 Page - Vitesse Semiconductor Corporation

Part # VSC7135QN
Description  1.25Gbits/sec Gigabit Ethernet Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7135QN Datasheet(HTML) 9 Page - Vitesse Semiconductor Corporation

Back Button VSC7135QN Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7135QN Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7135QN Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7135QN Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7135QN Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7135QN Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7135QN Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7135QN Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7135QN Datasheet HTML 13Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 9
5/28/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC7135
1.25Gbits/sec
Gigabit Ethernet Transceiver
G52146-0, Rev. 4.0
Figure 7: Parametric Measurement Information
Serial Input Rise and Fall Time
TTL Input and Output Rise and Fall Time
TTL A.C. Output Load
Receiver Input Eye Diagram Jitter Tolerance Mask
Serial Output Load
Tr
Tf
80%
20%
Tr
Tf
Vih(min)
Vil(max)
10 pF
Z0 = 75Ω
75
VDD – 2.0V
Bit Time
Eye Width%
Amplitude
Parametric Test Load Circuit


Similar Part No. - VSC7135QN

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7132 VITESSE-VSC7132 Datasheet
101Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7132-01 VITESSE-VSC7132-01 Datasheet
94Kb / 2P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7132YB VITESSE-VSC7132YB Datasheet
101Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7133 VITESSE-VSC7133 Datasheet
304Kb / 18P
   10-bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7133QU VITESSE-VSC7133QU Datasheet
304Kb / 18P
   10-bit Transceiver for Fibre Channel and Gigabit Ethernet
More results

Similar Description - VSC7135QN

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
   GIGABIT ETHERNET TRANSCEIVER
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
   Gigabit Ethernet Transceiver
logo
Agere Systems
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
   Quad Gigabit Ethernet Transceiver
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
   Gigabit Ethernet PHY Transceiver
logo
Agere Systems
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
   Gigabit Ethernet Transceiver Macrocell
logo
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201 TI-TNETE2201 Datasheet
295Kb / 10P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
logo
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
   SERDES Gigabit Ethernet Transceiver
logo
Agilent(Hewlett-Packard...
HDMP-1636 HP-HDMP-1636 Datasheet
325Kb / 15P
   Gigabit Ethernet Transceiver Chip
logo
Texas Instruments
TNETE2201B TI-TNETE2201B Datasheet
256Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com