Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7135QN Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7135QN
Description  1.25Gbits/sec Gigabit Ethernet Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7135QN Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7135QN Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7135QN Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7135QN Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7135QN Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7135QN Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7135QN Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7135QN Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7135QN Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7135QN Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 1
5/28/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC7135
1.25Gbits/sec
Gigabit Ethernet Transceiver
G52146-0, Rev. 4.0
Features
General Description
The VSC7135 is a 1.25Gb/s Ethernet Transceiver optimized for Gigabit Ethernet or 1000Base-X applica-
tions. It accepts 10-bit 8B/10B encoded transmit data, latches it on the rising edge of REFCLK and serializes it
onto the TX PECL differential outputs at a baud rate which is ten times the REFCLK frequency. The VSC7135
also samples serial receive data on the RX PECL differential inputs, recovers the clock and data, deserializes it
onto the 10-bit receive data bus, outputs two recovered clocks at one-twentieth of the incoming baud rate and
detects “Comma” characters. The VSC7135 contains on-chip PLL circuitry for synthesis of the baud-rate trans-
mit clock, and extraction of the clock from the received serial stream. These circuits are fully monolithic and
require no external components.
VSC7135 Block Diagram
• Gigabit Ethernet Transceiver @ 1.25Gb/s
• Compliant to IEEE 802.3Z PMA
• TTL Interface Compatible to PMA-TBI
• Monolithic Clock Synthesis and Clock
Recovery - No External Components
• 125MHz TTL Reference Clock
• Low Power Operation - 700 mW
• Suitable for Both Coaxial or Optical Link
Applications
• 64 Pin, 14mm or 10mm Standard PQFP
• Single +3.3V Supply
RX+
RX-
Q D
Serial to
Parallel
Clock
Recovery
Retimed
Data
÷ 10
Recovered
Comma
Detect
Q D
R0:9
Frame
Logic
COM_DET
EN_CDET
T0:9
PLL Clock
Multiply
D Q
Parallel
to Serial
Serial Data
Clock
Synthesized
Clock
D Q
TX+
TX-
EWRAP
÷ 20
RCLK
Resync
10
10
REFCLK
2:1
RCLKN


Similar Part No. - VSC7135QN

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7132 VITESSE-VSC7132 Datasheet
101Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7132-01 VITESSE-VSC7132-01 Datasheet
94Kb / 2P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7132YB VITESSE-VSC7132YB Datasheet
101Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7133 VITESSE-VSC7133 Datasheet
304Kb / 18P
   10-bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7133QU VITESSE-VSC7133QU Datasheet
304Kb / 18P
   10-bit Transceiver for Fibre Channel and Gigabit Ethernet
More results

Similar Description - VSC7135QN

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
   GIGABIT ETHERNET TRANSCEIVER
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
   Gigabit Ethernet Transceiver
logo
Agere Systems
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
   Quad Gigabit Ethernet Transceiver
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
   Gigabit Ethernet PHY Transceiver
logo
Agere Systems
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
   Gigabit Ethernet Transceiver Macrocell
logo
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201 TI-TNETE2201 Datasheet
295Kb / 10P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
logo
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
   SERDES Gigabit Ethernet Transceiver
logo
Agilent(Hewlett-Packard...
HDMP-1636 HP-HDMP-1636 Datasheet
325Kb / 15P
   Gigabit Ethernet Transceiver Chip
logo
Texas Instruments
TNETE2201B TI-TNETE2201B Datasheet
256Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com