Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71GL016A40BFW3J0 Datasheet(PDF) 3 Page - SPANSION

Part # S71GL016A40BFW3J0
Description  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GL016A40BFW3J0 Datasheet(HTML) 3 Page - SPANSION

  S71GL016A40BFW3J0 Datasheet HTML 1Page - SPANSION S71GL016A40BFW3J0 Datasheet HTML 2Page - SPANSION S71GL016A40BFW3J0 Datasheet HTML 3Page - SPANSION S71GL016A40BFW3J0 Datasheet HTML 4Page - SPANSION S71GL016A40BFW3J0 Datasheet HTML 5Page - SPANSION S71GL016A40BFW3J0 Datasheet HTML 6Page - SPANSION S71GL016A40BFW3J0 Datasheet HTML 7Page - SPANSION S71GL016A40BFW3J0 Datasheet HTML 8Page - SPANSION S71GL016A40BFW3J0 Datasheet HTML 9Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
This document contains information on one or more products under development at Spansion LLC. The information is intended to help you evaluate this product. Do not design
in this product without contacting the factory. Spansion LLC reserves the right to change or discontinue work on this proposed product without notice.
Publication Number S71GL016A_00
Revision A
Amendment 1
Issue Date June 20, 2006
Features
Power supply voltage of 2.7 V to 3.1 V
High performance
– 100 ns (100 ns Flash, 70 ns pSRAM/SRAM)
Packages
– 7 x 9 x 1.2 mm 56 ball FBGA
Operating Temperature
– –25°C to +85°C
General Description
The S71GL series is a product line of stacked Multi-Chip Product (MCP) packages and consists of:
One S29GL016A Flash memory die
pSRAM
The products covered by this document are listed in the table below:
For detailed specifications, please refer to the individual data sheets.
.
S71GL016A Based MCPs
Stacked Multi-Chip Product (MCP) Flash Memory and
RAM
16 Megabit (1M x 16-bit) CMOS 3.0 Volt-only Page Mode Flash
Memory
4 Megabit (256K x 16-bit) pSRAM
Data Sheet (Advance Information)
Flash Memory Density
16Mb
pSRAM Density
4Mb
S71GL016A40
Document
Publication Identification Number (PID)
S29GL-A
S29GL-A_00
pSRAM Type 4
psram_18


Similar Part No. - S71GL016A40BFW3J0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71GL032A SPANSION-S71GL032A Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL032A04BAI0B0 SPANSION-S71GL032A04BAI0B0 Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL032A04BAI0B2 SPANSION-S71GL032A04BAI0B2 Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL032A04BAI0B3 SPANSION-S71GL032A04BAI0B3 Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL032A04BAI0F0 SPANSION-S71GL032A04BAI0F0 Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
More results

Similar Description - S71GL016A40BFW3J0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71GL-N SPANSION-S71GL-N_08 Datasheet
463Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL032A SPANSION-S71GL032A Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016D SPANSION-S71AL016D Datasheet
1Mb / 76P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016M SPANSION-S71AL016M Datasheet
1Mb / 68P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL-N SPANSION-S71GL-N Datasheet
452Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
Eon Silicon Solution In...
EN71PL032A0A EON-EN71PL032A0A Datasheet
333Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71GL128B0 EON-EN71GL128B0 Datasheet
545Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL03280 EON-EN71PL03280 Datasheet
223Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL032A0 EON-EN71PL032A0 Datasheet
212Kb / 7P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
SPANSION
S71PL064JA0BFW0P0 SPANSION-S71PL064JA0BFW0P0 Datasheet
726Kb / 22P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com