Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBT14087 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LBT14087
Description  140MHz SAW Filter 10MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT14087 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LBT14087 Datasheet HTML 1Page - SIPAT Co,Ltd LBT14087 Datasheet HTML 2Page - SIPAT Co,Ltd LBT14087 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT14087
Rev. Date
2006-7-27
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 2/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
140MHz SAW Filter
10MHz Bandwidth
Part Number: LBT14087
Package Dimension
Input
1
Output
5
Ground
2,3,4,6
Package: DIP3512
Unit: mm
35.00±0.5
0.45±0.05
25.40±0.2
2.54±0.2
2.54±0.2


Similar Part No. - LBT14087

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT14087 SIPAT-LBT14087 Datasheet
145Kb / 3P
   140MHz SAW Filter 10MHz Bandwidth
More results

Similar Description - LBT14087

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN140A08 SIPAT-LBN140A08 Datasheet
125Kb / 3P
   140MHz SAW Filter 10MHz Bandwidth
LBN14071 SIPAT-LBN14071 Datasheet
284Kb / 3P
   140MHz SAW Filter 10MHz Bandwidth
LBT14087 SIPAT-LBT14087 Datasheet
145Kb / 3P
   140MHz SAW Filter 10MHz Bandwidth
LBN14071 SIPAT-LBN14071 Datasheet
290Kb / 3P
   140MHz SAW Filter 10MHz Bandwidth
LB140DS10 SIPAT-LB140DS10 Datasheet
288Kb / 3P
   140MHz SAW Filter 10MHz Bandwidth
LBN140A49 SIPAT-LBN140A49 Datasheet
195Kb / 3P
   140MHz SAW Filter 10MHz Bandwidth
LBT14082 SIPAT-LBT14082 Datasheet
274Kb / 3P
   140MHz SAW Filter 10MHz Bandwidth
LBT14082 SIPAT-LBT14082 Datasheet
144Kb / 3P
   140MHz SAW Filter 10MHz Bandwidth
LBN140A53 SIPAT-LBN140A53 Datasheet
187Kb / 3P
   140MHz SAW Filter 10MHz Bandwidth
LBT11803 SIPAT-LBT11803 Datasheet
140Kb / 3P
   117.5MHz SAW Filter 10MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com