Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9389A Datasheet(PDF) 5 Page - Analog Devices

Part # AD9389A
Description  High Performance HDMI/DVI Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9389A Datasheet(HTML) 5 Page - Analog Devices

  AD9389A Datasheet HTML 1Page - Analog Devices AD9389A Datasheet HTML 2Page - Analog Devices AD9389A Datasheet HTML 3Page - Analog Devices AD9389A Datasheet HTML 4Page - Analog Devices AD9389A Datasheet HTML 5Page - Analog Devices AD9389A Datasheet HTML 6Page - Analog Devices AD9389A Datasheet HTML 7Page - Analog Devices AD9389A Datasheet HTML 8Page - Analog Devices AD9389A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD9389A
Rev. 0 | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DVDD
D0
DE
HSYNC
VSYNC
CLK
S/PDIF
MCLK
I2S0
I2S1
I2S2
I2S3
SCLK
LRCLK
PVDD
PVDD
NC = NO CONNECT
DVDD
D15
D16
D17
D18
D19
D20
D21
D22
D23
NC
NC
SDA
SCL
DDCSDA
DDCSCL
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD9389A
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
2, 39 to 47,
50 to 63
D[23:0]
I
Video Data Input. Digital input in RGB or YCbCr format. Supports CMOS logic levels from 1.8 V to 3.3 V.
6
CLK
I
Video Clock Input. Supports CMOS logic levels from 1.8 V to 3.3 V.
3
DE
I
Data Enable Bit for Digital Video. Supports CMOS logic levels from 1.8 V to 3.3 V.
4
HSYNC
I
Horizontal SYNC Input. Supports CMOS logic levels from 1.8 V to 3.3 V.
5
VSYNC
I
Vertical SYNC Input. Supports CMOS logic levels from 1.8 V to 3.3 V.
18
EXT_SW
I
Sets internal reference currents. Place 887 Ω resistor (1% tolerance) between this pin and ground.
20
HPD
I
Hot Plug Detect Signal. This indicates to the interface whether the receiver is connected. 1.8 V to
5.0 V CMOS logic level.
7
S/PDIF
I
S/PDIF (Sony/Philips Digital Interface) Audio Input. This is the audio input from a Sony/Philips
digital interface. Supports CMOS logic levels from 1.8 V to 3.3 V.
8
MCLK
I
Audio Reference Clock. 128 × N × fS with N = 1, 2, 3, or 4. Set to 128 × sampling frequency (fS),
256 × fS, 384 × fS, or 512 × fS. 1.8 V to 3.3 V CMOS logic level.
9 to 12
I2S[3:0]
I
I2S Audio Data Inputs. These represent the eight channels of audio (two per input) available
through I2S. Supports CMOS logic levels from 1.8 V to 3.3 V.
13
SCLK
I
I2S Audio Clock. Supports CMOS logic levels from 1.8 V to 3.3 V.
14
LRCLK
I
Left/Right Channel Selection. Supports CMOS logic levels from 1.8 V to 3.3 V.
26
PD/A0
I
Power-Down Control and I2C Address Selection. The I2C address and the PD polarity are set by the
PD/A0 pin state when the supplies are applied to the AD9389A. 1.8 V to 3.3 V CMOS logic level.
21, 22
TxC−/TxC+
O
Differential Clock Output. Differential clock output at pixel clock rate; transition minimized
differential signaling (TMDS) logic level.
31, 32
Tx2−/Tx2+
O
Differential Output Channel 2. Differential output of the red data at 10 × the pixel clock rate;
TMDS logic level.
27, 28
Tx1−/Tx1+
O
Differential Output Channel 1. Differential output of the green data at 10 × the pixel clock rate;
TMDS logic level.
24, 25
Tx0−/Tx0+
O
Differential Output Channel 0. Differential output of the blue data at 10 × the pixel clock rate;
TMDS logic level.
32
INT
O
Interrupt. CMOS logic level. A 2 kΩ pull up resistor to interrupt the microcontroller IO supply is
recommended.
19, 23, 29
AVDD
P
1.8 V Power Supply for TMDS Outputs.


Similar Part No. - AD9389A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
More results

Similar Description - AD9389A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B_15 Datasheet
261Kb / 11P
   High Performance HDMI/DVI Transmitter
REV. B
AD9889A AD-AD9889A Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389B AD-AD9389B Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889 AD-AD9889_15 Datasheet
1Mb / 48P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389B AD-AD9389B_15 Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889 AD-AD9889 Datasheet
2Mb / 48P
   HIGH PERFORMANCE HDMI-TM / DVI TRANSMITTER
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com