Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71GS128NC0BFWAK3 Datasheet(PDF) 4 Page - SPANSION

Part # S71GS128NC0BFWAK3
Description  128N based MCPs
Download  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GS128NC0BFWAK3 Datasheet(HTML) 4 Page - SPANSION

  S71GS128NC0BFWAK3 Datasheet HTML 1Page - SPANSION S71GS128NC0BFWAK3 Datasheet HTML 2Page - SPANSION S71GS128NC0BFWAK3 Datasheet HTML 3Page - SPANSION S71GS128NC0BFWAK3 Datasheet HTML 4Page - SPANSION S71GS128NC0BFWAK3 Datasheet HTML 5Page - SPANSION S71GS128NC0BFWAK3 Datasheet HTML 6Page - SPANSION S71GS128NC0BFWAK3 Datasheet HTML 7Page - SPANSION S71GS128NC0BFWAK3 Datasheet HTML 8Page - SPANSION S71GS128NC0BFWAK3 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 195 page
background image
4
S71GS256/128N_00_A0 December 17, 2004
Advan ce
In form ati o n
Read-Only Operations–S29GL128N, S29GL256N, S29GL512N .......... 92
Figure 11. Read Operation Timings....................................... 93
Figure 12. Page Read Timings.............................................. 93
Hardware Reset (RESET#) .............................................................................. 94
Figure 13. Reset Timings..................................................... 94
Erase and Program Operations–S29GL128N,
S29GL256N, S29GL512N ...................................................................................95
Figure 14. Program Operation Timings .................................. 96
Figure 15. Accelerated Program Timing Diagram .................... 96
Figure 16. Chip/Sector Erase Operation Timings..................... 97
Figure 17. Data# Polling Timings
(During Embedded Algorithms) ............................................ 98
Figure 18. Toggle Bit Timings (During Embedded Algorithms) .. 99
Figure 19. DQ2 vs. DQ6 ...................................................... 99
Alternate CE# Controlled Erase and Program Operations-
S29GL128N, S29GL256N, S29GL512N ........................................................100
Figure 20. Alternate CE# Controlled Write (Erase/
Program) Operation Timings.............................................. 101
Erase And Programming Performance . . . . . . 102
TSOP Pin and BGA Package Capacitance . . . . 102
CellularRAM Type 2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 103
General Description . . . . . . . . . . . . . . . . . . . . . . 103
Figure 21. Functional Block Diagram................................... 104
Table 15. Signal Descriptions .............................................105
Table 16. Bus Operations—Asynchronous Mode ....................106
Table 17. Bus Operations—Burst Mode ................................107
Functional Description . . . . . . . . . . . . . . . . . . . . 107
Power-Up Initialization .................................................................................... 107
Figure 22. Power-Up Initialization Timing............................. 108
Bus Operating Modes . . . . . . . . . . . . . . . . . . . . . 108
Asynchronous Mode ........................................................................................108
Figure 23. READ Operation (ADV# LOW)............................. 108
Figure 24. WRITE Operation (ADV# LOW) ........................... 109
Page Mode READ Operation ........................................................................109
Figure 25. Page Mode READ Operation (ADV# LOW)............. 110
Burst Mode Operation .....................................................................................110
Figure 26. Burst Mode READ (4-word burst) ........................ 111
Figure 27. Burst Mode WRITE (4-word burst)....................... 111
Mixed-Mode Operation ...................................................................................112
WAIT Operation ...............................................................................................112
Figure 28. Wired or WAIT Configuration .............................. 112
LB#/UB# Operation .......................................................................................... 113
Figure 29. Refresh Collision During READ Operation.............. 113
Figure 30. Refresh Collision During WRITE Operation ............ 114
Low-Power Operation . . . . . . . . . . . . . . . . . . . . . 114
Standby Mode Operation ................................................................................114
Temperature Compensated Refresh ...........................................................114
Partial Array Refresh ........................................................................................ 115
Deep Power-Down Operation ...................................................................... 115
Configuration Registers . . . . . . . . . . . . . . . . . . . . 115
Access Using CRE .............................................................................................. 115
Figure 31. Configuration Register WRITE, Asynchronous Mode Fol-
lowed by READ ................................................................ 116
Figure 32. Configuration Register WRITE, Synchronous Mode Fol-
lowed by READ0............................................................... 117
Bus Configuration Register ............................................................................. 117
Table 18. Bus Configuration Register Definition ....................118
Table 19. Sequence and Burst Length .................................119
Burst Length (BCR[2:0]): Default = Continuous Burst ......................119
Burst Wrap (BCR[3]): Default = No Wrap .......................................... 119
Output Impedance (BCR[5:4]): Default = Outputs Use Full Drive
Strength ............................................................................................................120
Table 20. Output Impedance ............................................. 120
WAIT Configuration (BCR[8]): Default = WAIT Transitions One
Clock Before Data Valid/Invalid ...............................................................120
WAIT Polarity (BCR[10]): Default = WAIT Active HIGH ...............120
Figure 33. WAIT Configuration (BCR[8] = 0) ....................... 120
Figure 34. WAIT Configuration (BCR[8] = 1) ....................... 121
Figure 35. WAIT Configuration During Burst Operation.......... 121
Latency Counter (BCR[13:11]): Default = Three-Clock Latency ......121
Table 21. Variable Latency Configuration Codes ................... 121
Figure 36. Latency Counter (Variable Initial Latency, No Refresh
Collision) ........................................................................ 122
Operating Mode (BCR[15]): Default = Asynchronous Operation .122
Refresh Configuration Register .....................................................................122
Table 22. Refresh Configuration Register Mapping ................ 123
Partial Array Refresh (RCR[2:0]): Default = Full Array Refresh ....123
Table 23. 128Mb Address Patterns for PAR (RCR[4] = 1) ....... 123
Table 24. 64Mb Address Patterns for PAR (RCR[4] = 1) ........ 124
Table 25. 32Mb Address Patterns for PAR (RCR[4] = 1) ........ 124
Deep Power-Down (RCR[4]): Default = DPD Disabled ..................124
Temperature Compensated Refresh (RCR[6:5]): Default = +85ºC Op-
eration ..............................................................................................................124
Page Mode Operation (RCR[7]): Default = Disabled ........................124
Absolute Maximum Ratings . . . . . . . . . . . . . . . . 125
DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . 126
Table 26. Electrical Characteristics and Operating Conditions . 126
Table 27. Temperature Compensated Refresh Specifications and
Conditions ....................................................................... 127
Table 28. Partial Array Refresh Specifications and Conditions . 127
Table 29. Deep Power-Down Specifications .......................... 127
AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . 128
Figure 37. AC Input/Output Reference Waveform................. 128
Figure 38. Output Load Circuit........................................... 128
Table 30. Output Load Circuit ............................................ 128
Table 31. Asynchronous READ Cycle Timing Requirements .... 129
Table 32. Burst READ Cycle Timing Requirements ................ 130
Table 33. Asynchronous WRITE Cycle Timing Requirements ... 131
Table 34. Burst WRITE Cycle Timing Requirements ............... 131
Timing Diagrams ................................................................................................132
Figure 39. Initialization Period ........................................... 132
Table 35. Initialization Timing Parameters ........................... 132
Figure 40. Asynchronous READ.......................................... 133
Table 36. Asynchronous READ Timing Parameters ................ 133
Figure 41. Asynchronous READ Using ADV# ........................ 135
Table 37. Asynchronous READ Timing Parameters Using ADV# 135
Figure 42. Page Mode READ .............................................. 137
Table 38. Asynchronous READ Timing Parameters—Page Mode
Operation ....................................................................... 137
Figure 43. Single-Access Burst READ Operation—Variable
Latency .......................................................................... 139
Table 39. Burst READ Timing Parameters—Single Access, Variable
Latency .......................................................................... 139
Figure 44. Four-word Burst READ Operation—Variable Latency 141
Table 40. Burst READ Timing Parameters—4-word Burst ....... 142
Figure 45. Four-word Burst READ Operation (with LB#/UB#). 143
Table 41. Burst READ Timing Parameters—4-word Burst with LB#/
UB# ............................................................................... 144
Figure 46. READ Burst Suspend ......................................... 145
Table 42. Burst READ Timing Parameters—Burst Suspend ..... 145
Figure 47. Continuous Burst READ Showing an Output Delay with
BCR[8] = 0 for End-of-Row Condition ................................. 146
Table 43. Burst READ Timing Parameters—BCR[8] = 0 ......... 146
Figure 48. CE#-Controlled Asynchronous WRITE .................. 147


Similar Part No. - S71GS128NC0BFWAK3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71GL-N SPANSION-S71GL-N Datasheet
452Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL-N SPANSION-S71GL-N Datasheet
463Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL-N SPANSION-S71GL-N_08 Datasheet
463Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL016A SPANSION-S71GL016A Datasheet
252Kb / 9P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL016A40 SPANSION-S71GL016A40 Datasheet
252Kb / 9P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
More results

Similar Description - S71GS128NC0BFWAK3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72NS-N SPANSION-S72NS-N Datasheet
584Kb / 17P
   Based MCPs
S71PL-J SPANSION-S71PL-J Datasheet
460Kb / 24P
   Based MCPs
S71PL-N SPANSION-S71PL-N Datasheet
279Kb / 14P
   MirrorBit MCPs
logo
List of Unclassifed Man...
POLYPAD1000 ETC2-POLYPAD1000 Datasheet
455Kb / 2P
   Polyester based
POLYPADK-10 ETC2-POLYPADK-10 Datasheet
558Kb / 2P
   Polyester based
logo
PHOENIX CONTACT
2891161 PHOENIX-2891161 Datasheet
60Kb / 5P
   Secure web-based and SNMP-based management
logo
List of Unclassifed Man...
POLYPAD400 ETC2-POLYPAD400 Datasheet
473Kb / 2P
   Polyester based
logo
Gamewell-FCI by Honeywe...
CAB-A GAMEWELL-FCI-CAB-A Datasheet
170Kb / 4P
   MULTIPROCESSOR-BASED
logo
PHOENIX CONTACT
2891062 PHOENIX-2891062 Datasheet
69Kb / 4P
   Secure web-based and SNMP-based management
logo
ATMEL Corporation
AT91SAM7XC128 ATMEL-AT91SAM7XC128 Datasheet
482Kb / 38P
   Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com