Electronic Components Datasheet Search
Selected language     English  â–¼


MAX7481 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX7481
Description  Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 1 page
background image
General Description
The MAX7481/MAX7482 bidirectional video filters/
buffers provide the reconstruction filter and line drive
buffer for both composite (CVBS) and S-Video (Y/C)
video signals in playback mode, and anti-aliasing in
record mode for portable media devices. Each channel
consists of a lowpass filter and an output buffer capa-
ble of driving a full 2VP-P video signal into one standard
150
Ω load (DC-coupled to ground). In record mode,
the MAX7481/MAX7482 output buffers have a gain of
+6dB. In playback mode, the MAX7481 output buffers
have a gain of +6dB and the MAX7482 output buffers
have a gain of +7dB.
The MAX7481/MAX7482 feature DirectDriveâ„¢ by utilizing
an internal negative charge pump and regulator to main-
tain the output blanking level at ground, eliminating the
need for a negative supply voltage, a large output cou-
pling capacitor, or a sag correction configuration.
The MAX7481/MAX7482 operate from a single +2.7V to
+3.6V power supply. These devices are available in a
space-saving 28-pin TQFN package and operate over
the -40°C to +85°C extended temperature range.
Applications
Portable Media Devices
Digital Camcorders
Digital Cameras
Features
♦ Composite and S-Video, Video-Playback and Video-
Record Interface for Portable Video Devices
♦ Saves Space by Sharing Connectors in Portable
Devices
♦ DirectDrive
Eliminates Expensive AC-Coupling Capacitors
Blanking Level at Ground with Single Supply
♦ Composite and Y/C Signals
♦ Advanced Power-Down Modes for Extended
Battery Life
♦ Low Supply Current in Shutdown Mode, < 1µA (typ)
♦ Filter Response Ideal for NTSC and PAL
♦ +6dB (MAX7481) or +7dB (MAX7482) Gain
♦ +2.7V to +3.6V Single-Supply Operation
♦ Small, 28-Pin, TQFN Package (5mm x 5mm)
Bidirectional Video Filters/Buffers for Composite
and S-Video Portable Media Devices
________________________________________________________________
Maxim Integrated Products
1
19-0671; Rev 0; 11/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Simplified Block Diagram
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX7481ETI+
-40°C to +85°C
28 TQFN-EP*
T2855-6
MAX7482ETI+
-40°C to +85°C
28 TQFN-EP*
T2855-6
CVBSON
YCON
P/R
LPF
LPF
VIDEO
ADC
VIDEO
DAC
VIDEO
ADC
CONTROL
LOGIC
VIDEO
DAC
VIDEO
PROCESSOR
IN1
IN2
IN3
IN4
IN5
OUT1
OUT2
OUT3
OUT5
OUT4
0V
0V
0V
0V
MAX7481
MAX7482
RECORD SIGNAL FLOW
PLAYBACK SIGNAL FLOW
+
Denotes lead-free package.
*
EP = Exposed pad.
Pin Configuration appears at end of data sheet.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STV6433Filtered Video Buffers for STB and DVD Devices 1 2 3 4 5 MoreSTMicroelectronics
STV6432Audio/Video Output Buffers for STB and DVD Devices 1 2 3 4 5 MoreSTMicroelectronics
STV6435Filtered Video Buffers for STB and DVD Devices 1 2 3 4 5 MoreSTMicroelectronics
MAX7443Triple-Channel Video Reconstruction Filter and Buffer for Composite and Y/C Outputs 1 2 3 4 5 MoreMaxim Integrated Products
STV6436Filtered Video Buffers for STB and DVD Devices 1 2 3 4 5 MoreSTMicroelectronics
STV6434Filtered Video Buffers for STB and DVD Devices 1 2 3 4 5 MoreSTMicroelectronics
TB1227BNVIDEO CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TV 1 2 3 4 5 MoreToshiba Semiconductor
ZHX1010The ZiLOG ZHX1010 SIR transceiver is the ideal choice for applications in today ultra-compact and power-conscious portable products 1 2 3 4 5 MoreZilog, Inc.
LC78011EDigital RGB Encoder IC for Video CD and CD-G 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl