Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOMC2-8X1A0 Datasheet(PDF) 4 Page - ITT Industries

Part # FOMC2-8X1A0
Description  Fiber Optic Multi-Channel Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

FOMC2-8X1A0 Datasheet(HTML) 4 Page - ITT Industries

  FOMC2-8X1A0 Datasheet HTML 1Page - ITT Industries FOMC2-8X1A0 Datasheet HTML 2Page - ITT Industries FOMC2-8X1A0 Datasheet HTML 3Page - ITT Industries FOMC2-8X1A0 Datasheet HTML 4Page - ITT Industries FOMC2-8X1A0 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.ittcannon.com
302
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
Fiber Optic Multi-Channel Connectors
FOMC
Contact Assembly
TIP,
TERMINUS
ITT CANNON SERIES
FOMC
T
10
1270
-
-
-
SERIES
FOMC - Fiber Optic Multi-Channel
05 - 0.5 mm Buffer
10 - 1.0 mm Buffer
11 - 1.1 mm Buffer
1270 - 127.0
µm min.
1300 - 130.0
µm min.
1440 - 144.0
µm min.
TERMINUS ASSEMBLY
TERMINUS ASSEMBLY
BUFFER DIAMETER
BUFFER DIAMETER (in millimeters)
TIP
TIP (I.D. in tenths of microns)
TOTAL SAMPLES = 3056
MEAN = 0.93
SID. DEV. = 0.32
MINIMUM = 0
MAXIMUM = 2.2
900
800
700
600
500
400
300
200
100
0
50/125 FIBER
CERAMIC ALIGNMENT TIP CONTACTS
∆ TIP I.D.
FERRULE,
OPTICAL
"O" RING,
FRONT
SPRING
.175 (4.44)
MAX. DIA.
1.300 (33.02) MAX.
BODY. REAR
FERRULE
.170 (4.32)
MAX. DIA.
.230
(5.84)
MAX.
DIA.
"O" RING
REAR
TUBE,
SUPPORT
FIBER BUFFER DIA
How to Order - Contacts
Coupling Performance
0
0.5
1
CONNECTOR LOSS (dB)
1.5
2
2.5


Similar Description - FOMC2-8X1A0

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
   SC Fiber Optic Connectors
logo
Hirose Electric
HMUA-2P2-H1 HIROSE-HMUA-2P2-H1 Datasheet
818Kb / 8P
   MU Type Fiber Optic Connectors
HRFC-P8-H2 HIROSE-HRFC-P8-H2 Datasheet
340Kb / 8P
   FC Type Fiber Optic Connectors
HSC-PH2-E1 HIROSE-HSC-PH2-E1 Datasheet
760Kb / 6P
   SC Type Fiber Optic Connectors
HSC HIROSE-HSC Datasheet
759Kb / 21P
   SC Type Fiber Optic Connectors
logo
SOURIAU-SUNBANK Connect...
ARINC801 SOURIAU-ARINC801 Datasheet
2Mb / 6P
   ARINC 801 Fiber Optic Connectors
logo
Hirose Electric
MF14B-WRF01-0200 HIROSE-MF14B-WRF01-0200 Datasheet
356Kb / 9P
   Harsh Environment Fiber Optic Connectors
HRFC HIROSE-HRFC Datasheet
310Kb / 7P
   FC Type Fiber Optic Connectors
HMU HIROSE-HMU Datasheet
787Kb / 22P
   MU Type Fiber Optic Connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com